Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-ARM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 2 Page - Vicor Corporation

  VI-ARM Datasheet HTML 1Page - Vicor Corporation VI-ARM Datasheet HTML 2Page - Vicor Corporation VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ARM, Autoranging Rectifier Module
Rev. 2.4
Page 2 of 12
Set your site on VICOR at www.vicorpower.com
VI-ARM - 1
VI-ARM - 2
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Notes
Operating input voltage
90
132
90
132
Vac
Autoranging (doubler mode)
Operating input voltage
180
264
180
264
Vac
Autoranging (bridge mode)
Input undervoltage
90
90
Vac
No damage
Input surge withstand
280
280
Vac
100ms
AC line frequency
47
63
47
63
Hz
C-Grade
AC line frequency
47
880
47
880
Hz
T-Grade
Input current, rms
0
7.4
0
14.8
Amps
120Vac
Input current, rms
0
5.4
0
10.8
Amps
240Vac
Power factor
0.60
0.60
Typical line voltage condition
Inrush current
30
60
Amps
264Vac peak line, cold start
Holdup capacitance
1600
3300
µF
SAFETY SPECIFICATIONS
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical Characteristics
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Specifications apply
for AC mains having up to 5% total harmonic distortion.
VI-ARM - 1
VI-ARM - 2
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Notes
Output power
0
500
0
1000
Watts
90-132Vac
Output power
0
750
0
1500
Watts
180-264Vac
Efficiency, 120Vac
94
96
94
96
%
Efficiency, 240Vac
96
98
96
98
%
Output voltage
200
375
200
375
Vdc
90-264Vac
Parameter
Min
Typ
Max
Unit
Notes
Agency approvals
UL 1950, CSA 22.2 No. 950,
TÜV, VDE, EN60950, CE Marked
Isolation voltage (in to out)
None
Isolation provided by DC-DC converter(s)
Isolation voltage (I/O to baseplate)
1500
Volts, rms
Leakage current
100
µA
No filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com