Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-ARM Datasheet(PDF) 3 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 3 Page - Vicor Corporation

  VI-ARM Datasheet HTML 1Page - Vicor Corporation VI-ARM Datasheet HTML 2Page - Vicor Corporation VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ARM, Autoranging Rectifier Module
Rev. 2.4
Page 3 of 12
Set your site on VICOR at www.vicorpower.com
Electrical Characteristics, continued
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
AC Bus OK (B OK)
On-state resistance (low)
15
Ω
To negative output - bus normal
On-state current (low)
-50
mA
Bus normal
Off-state voltage
14.8
15.0
15.2
Vdc
Bus abnormal, 27K internal pull up to 15Vdc (Fig. 10)
On-state threshold
235
240
245
Vdc
Output bus voltage
Off-state threshold
200
205
210
Vdc
Output bus voltage
Module Enable (EN)
On-state resistance (low)
15
Ω
To negative output - converters are disabled
On-state current (low)
50
mA
Off-state voltage
14.8
15.0
15.2
Vdc
150K internal pull up to 15Vdc (Fig. 9)
On-state threshold
235
240
245
Vdc
Output bus voltage
Off-state threshold
200
205
210
Vdc
Output bus voltage
Over voltage shutdown
380
390
400
Vdc
AC Bus OK - module enable, differential error*
15
17
20
Vdc
AC Bus OK and module enable thresholds track
Parameter
Min
Typ
Max
Unit
Notes
MTBF
>1,000,000
hours
25˚C, ground benign
Baseplate material
Aluminum
Cover
Polyetherimide
Pin material
Copper, tin/lead solder dipped
Weight
2.1 (60)
ounces (grams)
Size
2.28 x 1.45 x 0.5
inches
(57,9 x 36,8 x 12,7)
(mm)
* Tracking error between BUS OK and Enable thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com