Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLL-3EB Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KLL-3EB
Description  Light Emitting Diode(InGaN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLL-3EB Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KLL-3EB Datasheet HTML 1Page - KODENSHI_AUK CORP. KLL-3EB Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Light Emitting Diode(InGaN)
DIMENSIONS
Unit : [mm]
KLL-3EB is a high bright InGaN blue LED,
and has the optimized optical characteristics.
Features
• Transparent epoxy lens
• High Optical Output
Applications
• Display
• Indicator
• Signage
Maximum Ratings
[ Ta=25°C ]
*1. IFP Measured under duty ≤ 1/10 @ 1KHz
*2. Soldering time
≤ 5 Sec
Keep the distance more than 3mm from soldering foundation.
Electro-Optical Characteristics
[ Ta=25°C ]
1/2
KLL-3EB
Parameter
Symbol
Ratings
Unit
Reverse voltage
VR
5V
Forward current
IF
30
mA
Pulse forward current
*1
IFP
0.1
A
Power dissipation
PD
105
mW
Operating temperature
Topr.
-30 ~ +85
°C
Storage temperature
Tstg.
-40 ~ +100
°C
Soldering Temperature
*2
Tsol.
260
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 20 mA
2.9
3.2
3.6
V
Reverse current
IR
VR = 5 V
-
-
10
uA
Luminous Intensity
Iv
IF = 20 mA
145
300
-
mcd
Peak emission wavelength
λP
IF = 20 mA
-
455
-
nm
Doninant Wave Length
λd
IF = 20 mA
450
-
460
nm
deg.
Spectral half bandwidth
∆λ
IF = 20 mA
-25-
nm
Half angle
2∆Θ1/2
IF = 20 mA
-
110/50
-


Similar Part No. - KLL-3EB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLL-3EG KODENSHI-KLL-3EG Datasheet
175Kb / 2P
Light Emitting Diode(InGaN)
KLL-3ER KODENSHI-KLL-3ER Datasheet
158Kb / 2P
Light Emitting Diode(InGaAlP)
More results

Similar Description - KLL-3EB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLB-11B KODENSHI-KLB-11B Datasheet
185Kb / 2P
Light Emitting Diode(InGaN)
KLB-16B KODENSHI-KLB-16B Datasheet
156Kb / 2P
Light Emitting Diode(InGaN)
KLB-0315G KODENSHI-KLB-0315G Datasheet
191Kb / 2P
Light Emitting Diode(InGaN)
KLB-520B KODENSHI-KLB-520B Datasheet
154Kb / 2P
Light Emitting Diode(InGaN)
KLB-520G KODENSHI-KLB-520G Datasheet
156Kb / 2P
Light Emitting Diode(InGaN)
KLC-50B KODENSHI-KLC-50B Datasheet
152Kb / 2P
Light Emitting Diode(InGaN)
KLC-50G KODENSHI-KLC-50G Datasheet
150Kb / 2P
Light Emitting Diode(InGaN)
KLL-3EG KODENSHI-KLL-3EG Datasheet
175Kb / 2P
Light Emitting Diode(InGaN)
KLL-5EB KODENSHI-KLL-5EB Datasheet
154Kb / 2P
Light Emitting Diode(InGaN)
KLP-32B KODENSHI-KLP-32B Datasheet
203Kb / 2P
Light Emitting Diode(InGaN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com