Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLL-3EB Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KLL-3EB
Description  Light Emitting Diode(InGaN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLL-3EB Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KLL-3EB Datasheet HTML 1Page - KODENSHI_AUK CORP. KLL-3EB Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Light Emitting Diode(InGaN)
2/2
KLL-3EB
0
1
2
3
4
5
6
350
400
450
500
550
Wave Length[nm]
-20
0
20
0.1
1
10
80
60
40
100
Forward current vs.
Ambient temperature
Radiant Intensity vs.
Forward current
Relative radiant intensity vs.
Ambient temperature
Forward current vs.
Forward voltage
Relative intensity vs.
Wavelength
Radiant Pattern
Ambient temperature Ta [℃]
Forward current IF[mA]
Forward voltage VF[V]
Relative intensity(%)
Angle(deg)
Ambient temperature Ta [℃]
0
0
3
1
5
0.5
2.0
15
10
1.0
20 25 30
20
25
30
35
40
2.5
0
0
1.0 2.0
5
4.0
3.0 3.5
10
15
100
80
50
30
20
10
60
40
20
0
0
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com