Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C23 Datasheet(PDF) 10 Page - Vicor Corporation

Part # FARM2C23
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2C23 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button FARM2C23 Datasheet HTML 4Page - Vicor Corporation FARM2C23 Datasheet HTML 5Page - Vicor Corporation FARM2C23 Datasheet HTML 6Page - Vicor Corporation FARM2C23 Datasheet HTML 7Page - Vicor Corporation FARM2C23 Datasheet HTML 8Page - Vicor Corporation FARM2C23 Datasheet HTML 9Page - Vicor Corporation FARM2C23 Datasheet HTML 10Page - Vicor Corporation FARM2C23 Datasheet HTML 11Page - Vicor Corporation FARM2C23 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 10 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
PCB Mounting Specifications
Mechanical Diagram
Converter Pins
No. Function Label
1
Neutral
N
2
EMI
GND
3NC
4
Line
L
5
–Out
–
6
Enable
EN
7Strap
ST
8
BUS OK
BOK
9+Out
+
(2X)
0.01
0.35
8,8
0.12
3,1
DIA,(7X)
0.150
3,81
(REF)
DIA,(2X)
0.080
2,03
4
3
1
98
2
76
5
0.23
5,8
0.400
10,16
1.400
35,56
1.000
25,40
0.700
17,78
2.20
55,9
1.74
44,2
1.900
48,26
0.300 ±0.015
7,62 ±0,38
0.300 ±0.015
7,62 ±0,38
FULL R (6X)
(6X)
(REF.)
0.10
2,5
2.000
50,80
1.30
33,0
2.28
57,9
2.20
55,9
0.130
3,30
0.10
2,5
0.49
12,4
0.65
16,5
0.06
1,5
R(3X)
X 45˚
CHAMFER
Use a 4-40 Screw (6X)
Torque to:
5 in-lbs
0.57 N-m
0.54
13,7
0.42
10,6
Pin Style 2 &N
(Long)
0.62
15,7
Pin Style 1&S
(Short )
(9X)
(9X)
0.50 ±0.02
12,7 ±0,5
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
0.195
4,95
1.400*
35,56
1.000*
25,40
0.700*
17,78
0.400*
10,16
1.790
45,47
0.06
1,5
R
(4X)
0.158
4,01
5
6
7
8
9
12
34
±0.003
±0,08
* DENOTES
TOL =
PCB THICKNESS
0.062 ±0.010
1,57 ±0,25
PIN STYLE 1&S
0.094 ±0.003
2,39 ±0,08
INBOARD
SOLDER
MOUNT
0.43
10,9
0.53
13,5
1.900*
48.26
1.900*
48,26
1.584*
40,23
0.164 ±0.003
4,16 ±0,08
PIN STYLE 2&N
0.094 ±0.003
2,39 ±0,08
ONBOARD
SOLDER
MOUNT
0.164 ±0.003
4,16 ±0,08
PLATED
THRU HOLE
DIA
(7X)
(2X)
ALL MARKINGS
THIS SURFACE
PINS STYLES
STYLE 1 & 2: TIN/LEAD
HOT SOLDER DIPPED
STYLE S & N: GOLD PLATED COPPER
ALUMINUM
BASEPLATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com