Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C23 Datasheet(PDF) 4 Page - Vicor Corporation

Part # FARM2C23
Description  FARM Filter/ Autoranging Rectifier Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2C23 Datasheet(HTML) 4 Page - Vicor Corporation

  FARM2C23 Datasheet HTML 1Page - Vicor Corporation FARM2C23 Datasheet HTML 2Page - Vicor Corporation FARM2C23 Datasheet HTML 3Page - Vicor Corporation FARM2C23 Datasheet HTML 4Page - Vicor Corporation FARM2C23 Datasheet HTML 5Page - Vicor Corporation FARM2C23 Datasheet HTML 6Page - Vicor Corporation FARM2C23 Datasheet HTML 7Page - Vicor Corporation FARM2C23 Datasheet HTML 8Page - Vicor Corporation FARM2C23 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FARM, Filter/Autoranging Rectifier Module
Rev. 4.7
Page 4 of 12
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Operating Characteristics
Figure 1—Start-up at 120Vac input
Figure 3—Power down, from 120Vac
Figure 4—Power down, from 240Vac
Figure 2—Start-up at 240Vac input
Vdc output
Strap
Engaged
Iac input @2A / mV
Iac input @2A / mV
Enable
Enable
B OK
Vdc output
B OK
Vdc output
Enable
B OK
Vdc output
Enable
B OK
Figure 5—Output overvoltage protection 240Vac range
Vdc output
Enable
B OK
Figure 6—Typical Conducted Emissions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com