Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTL431 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTL431
Description  3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTL431 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTL431 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTL431 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTL431 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Lt
HTL431
█ Electrical Characteristics(T
A=25℃,unless otherwise specified)
Symbol
Perameter
Min
Typ
Max
Unit
Conditions
VREF
Reference lnput Voltage
2440
2495
2550
mV
VKA=VREF,IK=10mA
VREF/T
Deviation of Reference
Lnput Voltage Over-
Temperature(Note 1)
4.5
17
mV
TA=Full Range
Ratio of Change in
Reference lnput Voltage
-1.0
-2.7
ΔVKA =10V-VREF
ΔVREF/Δ
VKA
To the Change in
Cathode Voltage
-0.5
-2
mV/W
IK =10mA
ΔVKA =36V-10V
IREF
Reference lnput Current
1.5
4
μA
IK=10mA,R1=10KΩ R2=∝
IREF/T
Deviation of Reference
Lnput Current Over Full
Temperatature Range
0.4
1.2
μA
TA=Full Range
IKA(MIN)
Mininmum Cathode Cur-rent
for
0.45
1.0
mA
VKA=VREF
IKA(OFF)
Off-Stage Cathode Current
0.05
1.0
μA
VKA=36V VREF =0
ZKA
Dynamic lmpedance (Note 2)
0.15
0.5
Ω
VKA=VREF IK=1mA-100mA
F≤1khz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com