Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTL431 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HTL431
Description  3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HTL431 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HTL431 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTL431 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HTL431 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shantou Huashan Electronic Devices Co.,Lt
█ Description
The HTL431are three-terminal adjustable regulator series with a guaranteed thermal stability
over applicable temperature ranges The output voltage may be set to any value between VREF
(approximately 2.5 volts)and 36 volts with two external resistors These devices have a typical
dynamic output impedance of 0.2W Active output circuitry provides a very sharp turn-on
characteristic, making these devices excel lent replacement for zener diodes in many
applications.
█ Features
█ Absolute Maximum Ratings(T
a=25℃)
█Lntemal Block Diagram
█ Typical Application
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
Tj——Junction Temperature……………………………… 150℃
Tstg——Storage Temperature Range…………………… -65~150℃
PD——Power Dissipation D,LP Suffix Package…………… 770mW
VKA——Cathode Voltage………………………………………… 37V
IKA——Cathode Current Range (Continuous) ……… -100~150mA
IREF——Reference lnput Current Range………………… -0.05~10mA
HTL431
1―R(REF)
2―A(ANODE)
3―K(CATHKODE)
Equivalent Full-Range Temperature Coefficient of T50PPM/ ℃
Typical
Programmable Output Voltage to 36 Volts
Sink current Capability of 1.0 to 100mA
Low Dynamic Output Impedance 0.20Typical
Low Output Noise Voltage
Fast Turn-on Response
TO-92
Figure2 Temperature
Compensated


Similar Part No. - HTL431

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HTL-25V102MIE-R5 TAIYO-YUDEN-HTL-25V102MIE-R5 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL]
HTL-25V102MIEN-R5 TAIYO-YUDEN-HTL-25V102MIEN-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
HTL-25V102MIEQ-R5 TAIYO-YUDEN-HTL-25V102MIEQ-R5 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Powertrain and Safety
HTL-25V221MG10-R2 TAIYO-YUDEN-HTL-25V221MG10-R2 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL]
HTL-25V221MG10N-R2 TAIYO-YUDEN-HTL-25V221MG10N-R2 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
More results

Similar Description - HTL431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com