Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1000MP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1000MP
Description  0.6 Watts, 18 Volts 1150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1000MP Datasheet(HTML) 1 Page - Microsemi Corporation

  1000MP Datasheet HTML 1Page - Microsemi Corporation 1000MP Datasheet HTML 2Page - Microsemi Corporation 1000MP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
1000MP
0.6 Watts, 18 Volts
1150 MHz
GENERAL DESCRIPTION
The 1000MP is a COMMON EMITTER transistor capable of providing 0.6
Watt of Class A, RF output power to 1150 MHz. This transistor is specifically
designed for general Class A amplifier applications. It utilizes gold metalization
and diffused ballasting to provide high reliability and supreme ruggedness.
CASE OUTLINE
55FW
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C
5.3 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
45 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
300 mA
Maximum Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Output
F = 1150 MHz
0.6
W
Pin
Power Input
Vcc = 18 Volts
0.05
W
Pg
Power Gain
10.8
dB
Ft
Transition Frequency
3.7
GHz
VSWR
Load Mismatch Tolerance
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 1 mA
3.5
V
BVcbo
Collector to Base Breakdown
Ic = 1 mA
40
V
Ices
Collector to Emitter Leakage
Vce=28V
1
mA
hFE
DC – Current Gain
Vce = 5V, Ic = 100 mA
15
Cob
Capacitance
Vcb = 28V, f =1 MHz
2.0
3.0
pF
θjc1
Thermal Resistance
33
°C/W
Note 1: At rated output power
Rev A: Updated June 2009


Similar Part No. - 1000MP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1000MP ADPOW-1000MP Datasheet
220Kb / 3P
0.6 Watts, 18 Volts, Class A Linear to 1150 MHz
More results

Similar Description - 1000MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1000MP ADPOW-1000MP Datasheet
220Kb / 3P
0.6 Watts, 18 Volts, Class A Linear to 1150 MHz
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com