Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1015MP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1015MP
Description  15 Watts, 50 Volts Avionics 1025 - 1150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1015MP Datasheet(HTML) 1 Page - Microsemi Corporation

  1015MP Datasheet HTML 1Page - Microsemi Corporation 1015MP Datasheet HTML 2Page - Microsemi Corporation 1015MP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.advancedpower.com or contact our factory direct.
1015MP
15 Watts, 50 Volts
Avionics 1025 - 1150 MHz
GENERAL DESCRIPTION
The 1015 MP is a COMMON BASE bipolar transistor. It is designed for pulsed
systems up to 1150 MHz. The device has gold thin-film metallization for proven
highest MTTF. The transistor includes input prematch for broadband capability.
Low thermal resistance package reduces junction temperature, extends life.
CASE OUTLINE
55FW
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
50 Watts Pk
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
1.0 Amps Pk
Maximum Temperatures
Storage Temperature
- 65 to + 150
oC
Operating Junction Temperature
+ 200
oC
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Power Out
F= 1150 MHz
15
W
PIN
Power Input
Vcc = 50 Volts
1.5
W
PG
Power Gain
PW = 10
µsec, DF = 1%
10
11
dB
ηc
Efficiency
40
%
VSWR
Load Mismatch Tolerance
F = 1150 MHz
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 5 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 15mA
65
V
Hfe
DC Current Gain
Vce = 5V, Ic = 100 mA
20
Cob
Output Capacitance
Vcb = 50 V, f = 1 MHz
5.0
7.5
pF
θjc1
Thermal Resistance
3.5
oC/W
Note 1: At rated output power and pulse conditions
Rev A: Updated June 2009


Similar Part No. - 1015MP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
More results

Similar Description - 1015MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1150MP ADPOW-1150MP Datasheet
179Kb / 2P
150 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1090MP MICROSEMI-1090MP Datasheet
91Kb / 3P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
DME150 MICROSEMI-DME150 Datasheet
426Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com