Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1090MP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1090MP
Description  90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1090MP Datasheet(HTML) 1 Page - Microsemi Corporation

  1090MP Datasheet HTML 1Page - Microsemi Corporation 1090MP Datasheet HTML 2Page - Microsemi Corporation 1090MP Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
1090MP
90 Watts, 50 Volts, Class C
Avionics 1025 - 1150 MHz
GENERAL DESCRIPTION
The 1090MP is a COMMON BASE bipolar transistor. It is designed for pulsed
systems in the frequency band 1025-1150 MHz. The device has gold thin-film
metallization for proven highest MTTF. The transistor includes input prematch for
broadband capability.
Low thermal resistance package reduces junction
temperature, extends life.
CASE OUTLINE
55FW-1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
250 Watts Peak
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
6.5 Amps Peak
Maximum Temperatures
Storage Temperature
- 65 to +150
oC
Operating Junction Temperature
+ 200
oC
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POUT
Power Out
F= 1025-1150 MHz
90
W
PIN
Power Input
Vcc = 50 Volts
14
W
PG
Power Gain
PW = 10
µsec, DF = 1%
8.08
8.5
dB
ηc
Efficiency
40
%
VSWR
1
Load Mismatch Tolerance
F = 1090 MHz
20:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 1 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 10mA
65
V
Hfe
DC Current Gain
Vce = 5V, Ic = 500 mA
15
120
Cob
Output Capacitance
Vcb = 50 V, f = 1 MHz
12
pF
θjc1
Thermal Resistance
0.6
oC/W
Note 1: At rated pulse conditions
Rev B: Dec 2009


Similar Part No. - 1090MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1090MP ADPOW-1090MP Datasheet
173Kb / 2P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
More results

Similar Description - 1090MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1150MP ADPOW-1150MP Datasheet
179Kb / 2P
150 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
1075MP ADPOW-1075MP Datasheet
178Kb / 2P
75 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
1090MP ADPOW-1090MP Datasheet
173Kb / 2P
90 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
logo
GHz Technology
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1075MP MICROSEMI-1075MP Datasheet
91Kb / 3P
75 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com