Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30GF60JCU2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT30GF60JCU2
Description  ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30GF60JCU2 Datasheet(HTML) 3 Page - Microsemi Corporation

  APT30GF60JCU2 Datasheet HTML 1Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 2Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 3Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 4Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 5Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APT30GF60JCU2
www.microsemi.com
3 – 6
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.81
RthJC
Junction to Case Thermal Resistance
SiC chopper Diode
2.25
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
SOT-227 (ISOTOP
®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
Emitter terminals are shorted
internally. Current handling
capability is equal for either
Emitter terminal.
Typical IGBT Performance Curve
Cies
Cres
Coes
10
100
1000
10000
0
1020
304050
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Operating Frequency vs Collector Current
hard
switching
ZCS
ZVS
0
40
80
120
160
200
240
280
0
1020
3040
50
IC, Collector Current (A)
VCE = 400V
D = 50%
RG = 6.8Ω
TJ = 125°C
TC= 75°C
Emitter
Gate
Collector
Cathode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com