Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT30GF60JCU2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT30GF60JCU2
Description  ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30GF60JCU2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT30GF60JCU2 Datasheet HTML 1Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 2Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 3Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 4Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 5Page - Microsemi Corporation APT30GF60JCU2 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APT30GF60JCU2
www.microsemi.com
1 – 6
ISOTOP
®
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC = 25°C
45
IC
Continuous Collector Current
TC = 90°C
30
ICM
Pulsed Collector Current
TC = 25°C
100
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
154
W
RBSOA Reverse Bias Safe Operating Area
Tj = 125°C
60A@500V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
K
E
C
G
VCES = 600V
IC = 30A @ Tc = 90°C
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
•
Brake switch
Features
•
Non Punch Through (NPT) Fast IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Low leakage current
-
RBSOA and SCSOA rated
•
Chopper SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
ISOTOP® Package (SOT-227)
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Stable temperature behavior
•
Very rugged
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Easy paralleling due to positive TC of VCEsat
•
RoHS Compliant
ISOTOP
® Boost chopper
NPT IGBT
SiC chopper diode
K
C
G
E


Similar Part No. - APT30GF60JCU2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30GF60JU2 ADPOW-APT30GF60JU2 Datasheet
480Kb / 8P
ISOTOP Boost chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU2 MICROSEMI-APT30GF60JU2 Datasheet
469Kb / 8P
ISOTOP Boost chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU3 ADPOW-APT30GF60JU3 Datasheet
476Kb / 8P
ISOTOP Buck chopper NPT IGBT
logo
Microsemi Corporation
APT30GF60JU3 MICROSEMI-APT30GF60JU3 Datasheet
470Kb / 8P
ISOTOP Buck chopper NPT IGBT
More results

Similar Description - APT30GF60JCU2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15GF120JCU2 MICROSEMI-APT15GF120JCU2 Datasheet
220Kb / 6P
ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT17M120JCU2 MICROSEMI-APT17M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT25GF120JCU2 MICROSEMI-APT25GF120JCU2 Datasheet
219Kb / 6P
ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT26M100JCU2 MICROSEMI-APT26M100JCU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT50GF60JCU2 MICROSEMI-APT50GF60JCU2 Datasheet
219Kb / 6P
ISOTOP짰 Boost chopper NPT IGBT SiC chopper diode
APT58M50JCU2 MICROSEMI-APT58M50JCU2 Datasheet
116Kb / 5P
ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
APT58M50JU2 MICROSEMI-APT58M50JU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper ISOTOP짰 Boost chopper
APTGF50DA120CT1G MICROSEMI-APTGF50DA120CT1G Datasheet
256Kb / 7P
Boost chopper NPT IGBT SiC Chopper diode
APTGF90DA60CT1G MICROSEMI-APTGF90DA60CT1G Datasheet
218Kb / 5P
Boost chopper NPT IGBT SiC Chopper diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com