Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS811101 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS811101
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS811101 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS811101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
120
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
3
1-pole, 2-positions
4
1-pole, 3-positions
2-ø0.9 holes
4-pattern section for ground terminal
1
6.3
1
3
1.5
3
0.75
0.7
3-pattern section
1.5
0.7
1
9.3
1
2-ø0.9 holes
1.5
3
5
8-pattern section
4-pattern section for ground terminal
3 1.5
0.75
0.7
1
6.3
1
3
2-ø0.9 holes
6-pattern section
4-pattern section for ground terminal
1.5
0.7
1
9.3
1
2-ø0.9 holes
3
5
1.5
4-pattern section
4-pattern section for ground terminal
PC board
mounting face
Terminal No.1
Travel
4.1
5.9
0.3
0.4 max.
1.5
C0.2
F0.5
F0.5
3
1.5
0.4
F
F
1.5
1.5
a b c
Operating force : a
J b
c
J b
2N
b
J a
b
J c
2.5N
C0.2
1.3
0.8
5
9.7
ø0.8
}
}
With ground terminal dimensions
A
Operating force : 2N
PC board
mounting face
Terminal No.1
Travel
4.1
5.9
0.3
0.4 max.
1.5
1.3
F0.5
0.5
F
3 1.5
0.4
0.75
F
F
ø0.8
1
6.7
3
0.8
With ground terminal dimensions
A
Operating force : 1.5N
PC board
mounting face
Terminal No.1
Travel
0.9
1.5
1.3
C0
.2
F0.5
F0.5
3
1.5
0.4
F
F
2.6
1.5
C0.2
0.75
ø0.8
3
6.7
With ground terminal dimensions
A
Terminal No.1
F0.5
0.5
F
3 1.5
0.4
F
1.5
F
C0.2
}
}
Operating force : a
J b
c
J b
1.5N
b
J a
b
J c
2N
Travel
C0
.2
a b c
1.3
1.5
1.5
PC board
mounting face
0.9
2.6
1.5
ø0.8
5
9.7
With ground terminal dimensions
A
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from the direction A)
1
2-poles, 2-positions
2
2-poles, 3-positions
Dimensions
Unit:mm
1.5mm-travel
Products not marked with
※ in the drawing have no ground terminal.
Note
1.4(H)mm, 1.5/2mm-travel Surface Mount Type
SSSS8 Series
Slide Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com