Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS811101 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS811101
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS811101 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS811101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS811101 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
121
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
5
1-pole, 4-positions
1.5
0.7
1
10.8
1
2-ø0.9 holes
5
1.5 1.5 1.51.5
6-pattern section
4-pattern section for ground terminal
A
Terminal No.1
Travel
¿0.8
5
11.2
F0.5
0.5F
1.5
0.4
F
1.5
a b
d
}
Operating force : a J b
d J c
1.5N
2N
1.5
1.51.5
F
0.75
1.3
}
b J c
c J d
c J b
b J a
PC board
mounting face
0.9
2.6
1.5
c
1.5
1.5
1.5
Unit:mm
Horizontal Operating Section Type 1.5mm-travel
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from the direction A)
Dimensions
6
2-poles, 2-positions
6
0.7
1.5
1.5
1.5
6-pattern section
33
2-ø0.9 holes
0.9
1.5
2.6
12.7
6
ø0.8
0.4
1.5
1.5
1.3
1.5
1.5
33
A
Terminal No.q
Travel
Operating force : 1.5N
PC board
mounting face
7
1-pole, 2-positions
8
1-pole, 3-positions
1.5
0.7
1
10.8
1
2-ø0.9 holes
5
1.51.51.51.5
6-pattern section
4-pattern section for ground terminal
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from the direction A)
Unit:mm
Horizontal Operating Section Type 2mm-travel
1.5
0.7
1
9.3
1
2-ø0.9 holes
3
5
1.5
4-pattern section for ground terminal
4-pattern section
PC board
mounting face
Terminal No. 1
0.9
ø0.8
5
9.7
F0.5
0.5
F
3
1.5
0.4
F
2.6
1.5
1.5
F
C0.2
Operating force : 1.5N
Travel
C0
.2
1.3
2
A
Terminal No.1
Travel
ø0.8
5
11.2
F0.5
0.5
F
1.5
0.4
F
1.5
a b c
Operating force : a
J b
c
J b
1.5N
2N
1.5
1.51.5
F
0.75
1.3
2 2
}}
b
J a
b
J c
PC board
mounting face
0.9
2.6
1.5
A
Products not marked with
※ in the drawing have no ground terminal.
Note
1.4(H)mm, 1.5/2mm-travel Surface MountType
SSSS8 Series
Slide Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com