Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2018 Datasheet(PDF) 2 Page - Rohm

Part # 2SA2018
Description  Low frequency transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2018 Datasheet(HTML) 2 Page - Rohm

  2SA2018 Datasheet HTML 1Page - Rohm 2SA2018 Datasheet HTML 2Page - Rohm 2SA2018 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA2018 / 2SA2030 / 2SA2119K
Transistors
Rev.C
2/2
Packaging specifications and hFE
Package name
Code
Taping
Basic ordering unit (pieces)
2SA2119K
2SA2018
2SA2030
T146
3000
TL
3000
−
−
−−
T2L
8000
−
−
Type
hFE
Electrical characteristic curves
1
2
5
10
20
50
100
200
500
1000
0
0.5
1.0
1.5
BASE TO EMITTER VOLTAGE : VBE (V)
VCE
=2V
Fig.1 Grounded Emitter Propagation
Characteristics
Ta
= −40°C
Ta
=25°C
Ta
=125°C
0
20
40
60
80
100
120
140
160
180
200
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Fig.2 Typical Output Characteristics
Ta=25
pulsed
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
I
B =700µA
I
B =600µA
I
B =500µA
I
B =400µA
I
B =300µA
I
B =200µA
I
B =100µA
I
B =0µA
°C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
VCE
=2V
Fig.3 DC Current Gain vs.
Collector Current
Ta
= −40°C
Ta
=25°C
Ta
=125°C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
= −40°C
Ta
=25°C
Ta
=125°C
Fig.4 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Ta
=25°C
IC / IB
=50
IC / IB
=20
IC / IB
=10
Fig.5 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
10
20
50
100
200
500
1000
2000
5000
10000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.6 Base-Emitter Saturation
Voltage vs.Collecter Current
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
EMITTER CURRENT : IC (mA)
VCE
=2V
Ta
=25°C
Fig.7 Gain Bandwidth Product vs.
Emitter Current
1
2
5
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10 20
50 100
EMITTER TO BASE VOLTAGE : VEB (V)
IE
=0A
f
=1MHz
Ta
=25°C
Fig.8 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage
Cib
Cob



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com