Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2018 Datasheet(PDF) 1 Page - Rohm

Part # 2SA2018
Description  Low frequency transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2018 Datasheet(HTML) 1 Page - Rohm

  2SA2018 Datasheet HTML 1Page - Rohm 2SA2018 Datasheet HTML 2Page - Rohm 2SA2018 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA2018 / 2SA2030 / 2SA2119K
Transistors
Rev.C
1/2
Low frequency transistor
2SA2018 / 2SA2030 / 2SA2119K
The transistor of 500mA class which went only into 2125 size conventionally was attained in 1608 sizes or 1208 sizes.
Applications
For switching, for muting.
Features
1) A collector current is large.
2) Collector saturation voltage is low.
VCE(sat) ≤ 250mA
At IC =
−200mA / IB = −10mA
Dimensions
(Unit : mm)
Absolute maximum ratings
(Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
PC
Tstg
Limits
−15
−12
150
−55 to +150
Unit
V
V
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
VEBO
−6V
Emitter-base voltage
Collector power dissipation
Storage temperature
IC
ICP
−500
−1
∗
mA
A
Collector current
Tj
150
Junction temperature
SMT3
200
VMT3
EMT3
∗Single pulse, Pw=1ms
Electrical characteristics
(Ta=25
°C)
Parameter
Collector-base breakdown voltage
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
−15
−−
VIC
= −10µA
IC
= −1mA
IE
= −10µA
VCB
= −15V
IC
= −200mA / IB= −10mA
VCE
= −2V / IC= −10mA
VCE
= −2V, IE=10mA, fT=100MHz
VCB
= −10V, IE=0A, f=1MHz
Collector-emitter breakdown voltage
BVCEO
−12
−−
V
Emitter-base breakdown voltage
BVEBO
−6
−−
V
Collector cutoff current
ICBO
−−
−100 nA
VEB
= −6V
Emitter cutoff current
IEBO
−−
−100 nA
Collector-emitter saturation voltage
VCE (sat)
−−100 −250 mV
DC current transfer ratio
hFE
270
−
680
−
Transition frequency
fT
−
260
−
MHz
Output capacitance
Cob
−
6.5
−
pF
(1) Emitter
(2) Base
(3) Collector
ROHM : EMT3
EIAJ : SC-75A
JEDEC : SOT-416
Each lead has same dimensions
Abbreviated symbol : BW
2SA2018
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
JEDEC : SOT-346
Each lead has same dimensions
Abbreviated symbol : BW
2SA2119K
(1) Base
(2) Emitter
(3) Collector
ROHM : VMT3
Each lead has same dimensions
Abbreviated symbol : BW
2SA2030
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1


Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Weitron Technology
2SA2018 WEITRON-2SA2018 Datasheet
181Kb / 3P
PNP Genera Purpose Transistors
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
Low frequency transistor(-12V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
Low-frequency transistor
logo
Guangdong Kexin Industr...
2SB1197K KEXIN-2SB1197K Datasheet
39Kb / 1P
Low Frequency Transistor
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
Low Frequency Transistor
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
Low frequency transistor
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
LOW FREQUENCY TRANSISTOR
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018_17 Datasheet
155Kb / 4P
LOW FREQUENCY TRANSISTOR
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
Low Frequency Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com