Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT150DL60B2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT150DL60B2
Description  Ultrasoft Recovery Rectifi er Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT150DL60B2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT150DL60B2 Datasheet HTML 1Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 2Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 3Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT BENEFITS
• Soft Switching - High Qrr
• Low Noise Switching
- Reduced Ringing
• Higher Reliability Systems
• Minimizes or eliminates
snubber
PRODUCT FEATURES
• Ultrasoft Recovery Times (trr)
• Popular TO-247 Package or
Surface Mount D3PAK Package
• Ultra Low Forward Voltage
• Low Leakage Current
PRODUCT APPLICATIONS
• Anti-Parallel Diode
-Switchmode Power Supply
-Inverters
• Applications
- Induction Heating
• Resonant Mode Circuits
-ZVS and ZCS Topologies
- Phase Shifted Bridge
APT150DL60B2(G)
600V 150A
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
1 - Cathode
2 - Anode
Back of Case - Cathode
1
2
Microsemi Website - http://www.microsemi.com
Ultrasoft Recovery Rectifier Diode
Symbol
Characteristic / Test Conditions
Ratings
Unit
V
R
Maximum D.C. Reverse Voltage
600
Volts
V
RRM
Maximum Peak Repetitive Reverse Voltage
V
RWM
Maximum Working Peak Reverse Voltage
I
F(AV)
Maximum Average Forward current 1 (T
C = 112°C, Duty Cycle = 0.5)
150
Amps
I
F(RMS)
RMS Forward Currrent (Square wave, 50% duty)
450
I
FSM
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3 ms)
600
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 175
°C
T
L
Lead Temperature for 10 Seconds
300
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
V
F
Forward Voltage
I
F = 150A
1.25
1.6
Volts
I
F = 300A
2.0
I
F = 150A, TJ = 125°C
1.25
I
RM
Maximum Reverse Leakage Current
V
R = 600V
25
μA
V
R = 600V, TJ = 125°C
250
C
T
Junction Capacitance, V
R = 200V
139
pF
STATIC ELECTRICAL CHARACTERISTICS
1
2
(B2)
T-Max
®


Similar Part No. - APT150DL60B2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT150GN120J ADPOW-APT150GN120J Datasheet
418Kb / 6P
IGBT
logo
Microsemi Corporation
APT150GN120J MICROSEMI-APT150GN120J Datasheet
2Mb / 44P
Power Semiconductors Power Modules
APT150GN120J MICROSEMI-APT150GN120J Datasheet
2Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
APT150GN120J MICROSEMI-APT150GN120J Datasheet
9Mb / 44P
Power Semiconductors Power Modules RF Power MOSFETs
logo
Inchange Semiconductor ...
APT150GN120J ISC-APT150GN120J Datasheet
617Kb / 2P
IGBT
More results

Similar Description - APT150DL60B2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X101DL40J MICROSEMI-APT2X101DL40J Datasheet
135Kb / 4P
Ultrafast Soft Recovery Dual Rectifi er Diode
APT2X151DL60J MICROSEMI-APT2X151DL60J Datasheet
140Kb / 4P
Ultrafast Soft Recovery Dual Rectifi er Diode
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
logo
IXYS Corporation
DS2 IXYS-DS2 Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
DS75 IXYS-DS75 Datasheet
75Kb / 2P
Rectifi er Diode Avalanche Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com