Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT150DL60B2 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT150DL60B2
Description  Ultrasoft Recovery Rectifi er Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT150DL60B2 Datasheet(HTML) 2 Page - Microsemi Corporation

  APT150DL60B2 Datasheet HTML 1Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 2Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 3Page - Microsemi Corporation APT150DL60B2 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT150DL60B2(G)
DYNAMIC CHARACTERISTICS
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A, diF/dt = -100A/μs, VR = 30V, TJ = 25°C
51
ns
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -200A/μs
V
R = 400V, TC = 25°C
408
Q
rr
Reverse Recovery Charge
2387
nC
I
RRM
Maximum Reverse Recovery Current
13
Amps
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -200A/μs
V
R = 400V, TC = 125°C
639
ns
Q
rr
Reverse Recovery Charge
7253
nC
I
RRM
Maximum Reverse Recovery Current
21
Amps
t
rr
Reverse Recovery Time
I
F = 150A, diF/dt = -1000A/
μs V
R = 400V, TC = 125°C
299
ns
Q
rr
Reverse Recovery Charge
12075
nC
I
RRM
Maximum Reverse Recovery Current
68
Amps
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
R
θJC
Junction-to-Case Thermal Resistance
0.26
°C/W
W
T
Package Weight
0.22
oz
5.9
g
Torque
Maximum Mounting Torque
10
lb·in
1.1
N·m
0
0.05
0.10
0.15
0.20
0.25
0.30
10-5
10-4
10-3
10-2
10
1.0
-1
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
Dissipated Power
(Watts)
T
J (°C)
T
C (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
0.099
0.160
0.0160
0.380
1 Continuous current limited by package lead temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com