Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7606FS Datasheet(PDF) 2 Page - Rohm

Part # BA7606FS
Description  Triple Circuits Video Signal Switchers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7606FS Datasheet(HTML) 2 Page - Rohm

  BA7606FS Datasheet HTML 1Page - Rohm BA7606FS Datasheet HTML 2Page - Rohm BA7606FS Datasheet HTML 3Page - Rohm BA7606FS Datasheet HTML 4Page - Rohm BA7606FS Datasheet HTML 5Page - Rohm BA7606FS Datasheet HTML 6Page - Rohm BA7606FS Datasheet HTML 7Page - Rohm BA7606FS Datasheet HTML 8Page - Rohm BA7606FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/8
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
Vcc
9
V
Power
dissipation
BA7602F
BA7603F
BA7606F
BA7607F
BA7609F
Pd
500 *1
mW
BA7606FS
650 *2
BA7627FV
450 *1
Operating temperature
Topr
-
40~+85
℃
Storage temperature
Tstg
-
55~+125
℃
*1 Deratings is done at 5.0mW/℃ above Ta=25℃.(BA7604N, 05N ,02F, 03F, 06F, 07F, 09F, 27FV)
*2 Deratings is done at 6.5mW/℃ above Ta=25℃.(BA7606FS)
●Operating Range(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
●Electrical characteristics (Unless otherwise noted, Ta=25℃ and Vcc=5.0V)
Parameter
Symbol
Typical value
Unit
Conditions
02F
03F
06F/FS
07F
09F
27FV
Circuit current
Icc
14.0
13.0
15.0
12.5
mA
―
Maximum
output level1
Clamp
Vom1
―
2.9
―
2.9
VP-P
f=1kHz, THD=0.5%,
with clamp
Maximum
output level2
Bias
Vom2
3.1
―
―
3.0
VP-P
f=1kHz, THD=0.5%,
without clamp
Maximum
output level U
Pedestal
clamp
VomU
―
1.65
―
VP-P
Dynamic range on positive
side of clamp level
Maximum
output level D
Pedestal
clamp
VomD
―
0.95
―
VP-P
Dynamic range on
negative side of clamp
level
Voltage gain
Gv
0
dB
f
=1MHz, VIN=1 VP-P
Interchannel crosstalk
CT
-65
dB
f
=4.43MHz, VIN=1 VP-P
Frequency characteristic
Gf
0
-1
0
dB
10MHz/1MHz, VIN= VP-P
Total harmonic distortion
THD
―
0.007
%
f
=1kHz, 1Vp-p,
Bias type
CTL pin switching level
VTH
2.5
V
H: IN1 L: IN2
Clamp input level
Vct
L≦0.75
H≧2.2
V
Only BA7606F/FS
●Cautions on use
1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
2) Although we are confident in recommending the sample application circuits, carefully check their characteristics further when
using them. When modifying externally attached component constants before use, determine them so that they have
sufficient margins by taking into account variations in externally attached components and the Rohm LSI, not only for static
characteristics but also including transient characteristics.
3) Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be
damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in
which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how not to
apply the conditions under which absolute maximum ratings are exceeded to the LSI.
4) GND potential
Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage
of each pin does not become a lower voltage than the GND pin, including transient phenomena.
5) Thermal design
Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in
actual states of use.
6) Shorts between pins and misinstallation
When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI. If it is
misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it is shorted by a foreign
substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND.
7) Operation in strong magnetic fields
Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
8) A bias input coupling capacitor on the order of 10 μF~33 μF is appropriate.
9) A clamp input coupling capacitor on the order of 0.1 μF~1 μF is appropriate.
10) Make the clamp pulse width of the BA7606F/FS at least 1 μs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com