Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7606FS Datasheet(PDF) 4 Page - Rohm

Part # BA7606FS
Description  Triple Circuits Video Signal Switchers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7606FS Datasheet(HTML) 4 Page - Rohm

  BA7606FS Datasheet HTML 1Page - Rohm BA7606FS Datasheet HTML 2Page - Rohm BA7606FS Datasheet HTML 3Page - Rohm BA7606FS Datasheet HTML 4Page - Rohm BA7606FS Datasheet HTML 5Page - Rohm BA7606FS Datasheet HTML 6Page - Rohm BA7606FS Datasheet HTML 7Page - Rohm BA7606FS Datasheet HTML 8Page - Rohm BA7606FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/8
●Reference data
Pin DC voltage(VCC=5V, Ta=25℃)
Pin No.
Pin DC voltage (V)
BA7602F
BA7603F
BA7606F/FS
BA7607F
BA7627FV
BA7609F
1
3.27
2.05
2.96
2.05
2.48
2
4.91
4.91
4.91
4.91
4.91
3
1.84
0.65
1.54
0.65
1.76
4
0
0
0
0
0
5
1.84
0.65
1.54
0.65
1.76
6
1.84
0.65
1.54
1.76
0.65
7
4.91
4.91
4.91
4.91
4.91
8
3.27
2.05
2.96
2.48
2.05
9
3.27
2.05
2.96
2.48
2.05
10
0
0
4.97
0
0
11
3.27
2.05
2.96
2.05
2.48
12
4.91
4.91
4.91
4.91
4.91
13
5.00
5.00
5.00
5.00
5.00
14
3.27
2.05
2.96
2.05
2.48
15
0
0
0
0
0
16
3.27
2.05
2.96
2.05
2.48
Input/Output impedance
Parameter
Limits (Typical)
Unit
02F
03F
06F/FS
07F/27FV
09F
Input
impedance
Bias
20k
―
―
20k
Ω
Input
impedance
Clamp
―
1.7M
Ω
Output impedance
30
30※
30
Ω
※
The 6pin output impedance in the BA7606F/FS is 130Ω.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com