Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L357CDFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F2L357CDFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L357CDFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F2L357CDFP Datasheet HTML 3Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 4Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 9Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 10Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 5 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
Note:
1. This applies when four pins are selected for common output.
Table 1.5
Specifications (2)
Item
Function
Specification
Timer
Timer RA
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), pulse output mode (output level inverted every
period), event counter mode, pulse width measurement mode,
pulse period measurement mode
Timer RB
8 bits × 1 (with 8-bit prescaler)
Timer mode (period timer), programmable waveform generation mode (PWM
output), programmable one-shot generation mode, programmable wait one-
shot generation mode
Timer RC
16 bits × 1 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output: 3 pins), PWM2 mode (PWM output: 1 pin)
Timer RD
16 bits × 2 (with 4 capture/compare registers)
Timer mode (input capture function, output compare function), PWM mode
(output: 6 pins), reset synchronous PWM mode (three-phase waveform output:
6 pins, sawtooth wave modulation), complementary PWM mode (three-phase
waveform output: 6 pins, triangular wave modulation), PWM3 mode (PWM
output with fixed period: 2 pins)
Timer RE
8 bits × 1
Real-time clock mode (counting of seconds, minutes, hours, days of week),
output compare mode
Timer RG
16 bits × 1
Phase-counting mode,
timer mode (output compare function, input capture function),
PWM mode (output: 1 pin)
Serial
Interface
UART0, UART1
Clock synchronous serial I/O/UART × 2 channels
UART2
Clock synchronous serial I/O/UART, I2C mode (I2C-bus),
multiprocessor communication function
Synchronous Serial
Communication Unit (SSU)
1 (shared with I2C-bus)
I2C bus
1 (shared with SSU)
LIN Module
Hardware LIN: 1 channel (timer RA, UART0 used)
A/D
Converter
R8C/L35C Group
10-bit resolution × 10 channels, including sample and hold function, with sweep
mode
R8C/L36C Group
10-bit resolution × 10 channels, including sample and hold function, with sweep
mode
R8C/L38C Group
10-bit resolution × 16 channels, including sample and hold function, with sweep
mode
R8C/L3AC Group
10-bit resolution × 20 channels, including sample and hold function, with sweep
mode
D/A Converter
8-bit resolution × 2 circuits
Comparator B
2 circuits
LCD Drive
Control
Circuit
R8C/L35C Group
Common output: Max. 4 pins
Segment output: Max. 24 pins
Bias: 1/2, 1/3
Duty: static, 1/2, 1/3, 1/4
R8C/L36C Group
Common output: Max. 8 pins
Segment output: Max. 32 pins (1)
Bias: 1/2, 1/3, 1/4
Duty: static, 1/2, 1/3, 1/4, 1/8
R8C/L38C Group
Common output: Max. 8 pins
Segment output: Max. 48 pins (1)
R8C/L3AC Group
Common output: Max. 8 pins
Segment output: Max. 56 pins (1)
Voltage multiplier and dedicated regulator integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com