Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L357CDFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F2L357CDFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L357CDFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F2L357CDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 9Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 10Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 11Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 12Page - Renesas Technology Corp R5F2L357CDFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 7 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
1.2
Product Lists
Tables 1.7 to 1.10 list Product List for Each Group. Figures 1.1 to 1.4 show the Correspondence of Part No., with
Memory Size and Package for Each Group.
Table 1.7
Product List for R8C/L35C Group
Current of Mar. 2010
(D): Under development
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/L35C Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L357CNFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
N Version
R5F2L358CNFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35ACNFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CCNFP (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L357CDFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
D Version
R5F2L358CDFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35ACDFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CCDFP (D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Part No. R 5 F 2L 35 C C N FP
Package type:
FP: LQFP (0.65 mm pin pitch)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L35C Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com