Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120H65FT3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTM120H65FT3G
Description  Full bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120H65FT3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTM120H65FT3G Datasheet HTML 1Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 2Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 3Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 4Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTM120H65FT3G
www.microsemi.com
4 – 5
Typical Performance Curve
Low Voltage Output Characteristics
TJ=25°C
TJ=125°C
0
10
20
30
40
0
5
10
15
20
VDS, Drain to Source Voltage (V)
VGS=10V
Low Voltage Output Characteristics
4.5V
5V
0
5
10
15
20
25
0
5
10
15
20
25
30
VDS, Drain to Source Voltage (V)
VGS=6, 7, 8 &9V
TJ=125°C
Normalized RDS(on) vs. Temperature
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
TJ, Junction Temperature (°C)
VGS=10V
ID=14A
Transfert Characteristics
TJ=25°C
TJ=125°C
0
5
10
15
20
01
234
56
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5
duty cycle
Gate Charge vs Gate to Source
VDS=240V
VDS=600V
VDS=960V
0
2
4
6
8
10
12
0
40
80
120 160 200 240 280 320
Gate Charge (nC)
ID=14A
TJ=25°C
Ciss
Crss
Coss
1
10
100
1000
10000
0
50
100
150
200
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com