Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120H65FT3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120H65FT3G
Description  Full bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120H65FT3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120H65FT3G Datasheet HTML 1Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 2Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 3Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 4Page - Microsemi Corporation APTM120H65FT3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM120H65FT3G
www.microsemi.com
1 – 5
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
16
ID
Continuous Drain Current
Tc = 80°C
12
IDM
Pulsed Drain current
105
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
780
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
14
A
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS 8™ Fast FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
-
Symmetrical design
•
Kelvin source for easy drive
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
Each leg can be easily paralleled to achieve a phase
leg of twice the current capability
•
RoHS Compliant
Full bridge
MOSFET Power Module
VDSS = 1200V
RDSon = 650mΩ typ @ Tj = 25°C
ID = 16A @ Tc = 25°C


Similar Part No. - APTM120H65FT3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120H140FT1G MICROSEMI-APTM120H140FT1G Datasheet
147Kb / 5P
Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM120H29F ADPOW-APTM120H29F Datasheet
309Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM120H57FT ADPOW-APTM120H57FT Datasheet
315Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3 ADPOW-APTM120H57FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
More results

Similar Description - APTM120H65FT3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
APTM60H23FT1G MICROSEMI-APTM60H23FT1G Datasheet
195Kb / 5P
Full - Bridge MOSFET Power Module
APTM100H40FT3G MICROSEMI-APTM100H40FT3G Datasheet
183Kb / 5P
Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com