Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF301 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF301
Description  RF POWER MOSFET P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF301 Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF301 Datasheet HTML 1Page - Microsemi Corporation ARF301 Datasheet HTML 2Page - Microsemi Corporation ARF301 Datasheet HTML 3Page - Microsemi Corporation ARF301 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ARF301
125V, 300W, 45MHz
• High Performance
• High Voltage Breakdown and Large SOA
for Superior Ruggedness
• Low Thermal Resistance.
• Capacitance matched with ARF300 N-Channel
Symbol
Parameter
Ratings
Unit
V
DSS
Drain-Source Voltage
500
V
V
DGO
Drain-Gate Voltage
500
I
D
Continuous Drain Current @ T
C = 25°C
20
A
V
GS
Gate-Source Voltage
±30
V
P
D
Total Power Dissipation @ T
C = 25°C
833
W
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 175
°C
T
L
Lead Temperature: 0.063” from Case for 10 Sec.
300
Maximum Ratings
All Ratings: T
C =25°C unless otherwise specified
Static Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
500
V
V
DS(ON)
On State Drain Voltage 1 (I
D(ON) = 10A, VGS = 10V)
8
10
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Drain Current (V
DS = 50VDSS, VGS = 0, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
DS = ±30V, VDS = 0V)
±100
nA
g
fs
Forward Transconductance (V
DS = 15V, ID = 10A)
5
8
mhos
V
GS(TH)
Gate Threshold Voltage (V
DS = VGS, ID = 10mA)
-2.5
- 4
-5
Volts
Microsemi Website - http://www.microsemi.com
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
RF POWER MOSFET
P-CHANNEL ENHANCEMENT MODE
• Specified 125 Volt, 27 MHz Characteristics:
Output Power = 300 Watts.
Gain = 15dB (Class E)
Efficiency = 80%
• RoHS Compliant
Symbol
Parameter
Min
Typ
Max
Unit
R
θJC
Junction to Case
0.15
°C/W
R
θJHS
Junction to Sink (High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.)
0.27
Thermal Characteristics
The ARF301 is a P-CHANNEL RF power transistor in a high efficiency flangeless package.
It is designed for high voltage operation in narrow band ISM and MRI power amplifiers at
frequencies up to 45MHz. The transistor is well matched to the ARF300 N-CHANNEL RF
power transistor making the pair well suited for bridge configurations


Similar Part No. - ARF301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF300 MICROSEMI-ARF300 Datasheet
121Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF300 MICROSEMI-ARF300 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
logo
Ohmite Mfg. Co.
ARF300 OHMITE-ARF300 Datasheet
250Kb / 2P
High power density
ARF300 OHMITE-ARF300 Datasheet
250Kb / 2P
High power density
logo
Microsemi Corporation
ARF300 MICROSEMI-ARF300_10 Datasheet
127Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF301

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com