Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF301 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF301
Description  RF POWER MOSFET P-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF301 Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF301 Datasheet HTML 1Page - Microsemi Corporation ARF301 Datasheet HTML 2Page - Microsemi Corporation ARF301 Datasheet HTML 3Page - Microsemi Corporation ARF301 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
10
100
1
10
100
800
ARF301
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ISS
Input Capacitance
V
GS = 0V
2000
2200
pF
C
oss
Output Capacitance
V
DS = 50V
320
360
C
rss
Reverse Transfer Capacitance
f = 1MHz
62
70
Functional Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
G
PS
Common Source Amplifier Power Gain
f = 27MHz
I
dq = 0mA
V
DD = 125V
P
OUT = 300W
15
17
dB
η
Drain Efficiency
80
85
%
Ψ
Electrical Ruggedness VSWR 10:1
No Damage
1. Pulse Test: Pulse width < 380 μS, Duty Cycle < 2%.
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 3, Typical Maximum Safe Operating Area
T
C =+25°C
T
J =+175°C
SINGLE PULSE
OPERATION HERE
LIMITED BY R
DS
(ON)
1.0E−11
1.0E−10
1.0E−9
1.0E−8
0
50
100
150
200
250
300
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1, Typical Capacitance vs. Drain-to-Source Voltage
C
iss
C
oss
C
rss
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2, Typical Transfer Characteristics
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
T
J = -55°C
T
J = +125°C
T
J = +25°C
Dynamic Characteristics
ID Max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com