Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DME150 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DME150
Description  150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DME150 Datasheet(HTML) 1 Page - Microsemi Corporation

  DME150 Datasheet HTML 1Page - Microsemi Corporation DME150 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
GENERAL DESCRIPTION
The DME 150 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1025-1150 MHz. The
device has gold thin-film metallization and diffused ballasting for proven
highest MTTF. The transistor includes input and ouput prematch for
broadband capabilit. Low thermal resistance package reduces junction
temperature, extends life.
CASE OUTLINE
55AY, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25
oC2
290 Watts
Maximum Voltage and Current
BVces
Collector to Base Voltage
55 Volts
BVebo
Emitter to Base Voltage
4.0 Volts
Ic
Collector Current
15 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 150
oC
Operating Junction Temperature
+ 150
oC
ELECTRICAL CHARACTERISTICS @ 25
OC
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηc
VSWR
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 1025-1150 MHz
Vcc = 50 Volts
PW = 10
µsec
DF = 1%
F = 1025 MHz
150
7.8
8.3
40
25
20:1
Watts
Watts
dB
%
BVebo
BVces
hFE
θjc2
Emitter to Base Breakdown
Collector to Emitter Breakdown
DC - Current Gain
Thermal Resistance
Ie = 15 mA
Ic = 25 mA
Ic = 250 mA, Vce = 5 V
4.0
55
20
100
0.6
Volts
Volts
oC/W
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
Rev A January 2009
DME 150
150 Watts, 50 Volts, Pulsed
Avionics 1025 - 1150 MHz


Similar Part No. - DME150

ManufacturerPart #DatasheetDescription
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
More results

Similar Description - DME150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1090MP ETC-1090MP Datasheet
212Kb / 4P
90 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
RF Micro Devices
DME500 RFMD-DME500 Datasheet
251Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
logo
Advanced Power Technolo...
1150MP ADPOW-1150MP Datasheet
179Kb / 2P
150 Watts, 50 Volts, Class C Avionics 1025 - 1150 MHz
1015MP ADPOW-1015MP Datasheet
178Kb / 2P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
1035MP ADPOW-1035MP Datasheet
179Kb / 2P
35 Watts, 50 Volts Avionics 1025 - 1150 MHz
DME800 ADPOW-DME800 Datasheet
262Kb / 4P
800 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
logo
GHz Technology
DME150 GHZTECH-DME150 Datasheet
286Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1025 - 1150 MHz
DME375A GHZTECH-DME375A Datasheet
347Kb / 4P
375 Watts, 50 Volts, Pulsed Avionics 1025-1150 MHz
logo
Microsemi Corporation
1015MP MICROSEMI-1015MP Datasheet
109Kb / 3P
15 Watts, 50 Volts Avionics 1025 - 1150 MHz
MS2553C MICROSEMI-MS2553C Datasheet
225Kb / 5P
35 Watts, 50 Volts Pulsed Avionics 1025 to 1150 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com