Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF200G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # DRF200G
Description  MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF200G Datasheet(HTML) 1 Page - Microsemi Corporation

  DRF200G Datasheet HTML 1Page - Microsemi Corporation DRF200G Datasheet HTML 2Page - Microsemi Corporation DRF200G Datasheet HTML 3Page - Microsemi Corporation DRF200G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRF200G
15V, 8A, 30MHz
The DRF200 is a High-Speed Power MOSFET driver with a unique anti-ring function.
It is intended to drive the gate of a power MOSFET with ≥3nF gate capacitance to
15V at frequencies up to 15MHz. It can produce output currents ≥8A RMS, while
dissipating 60W.
TYPICAL APPLICATIONS
• MOSFET Drivers
• RF Generators
• Switch Mode Power Amplifiers
• Digital Output Amplifiers
• Pulse Generators
• Laser Diode Drivers
• Ultrasound Transducer Drivers
• Acoustic Optical Modulators
• High Power Clock Drivers
FEATURES
• Switching Frequency: DC TO 30MHz 50Ω Load
• Switching Frequency: DC TO 15MHz 3nf Load
• Switching Speeds 10ns 50Ω, 15ns 3nF Load
• Low Pulse Width Distortion, ≤ 2%
• Single Power Supply
• 1V CMOS Schmitt Trigger Input ~ 1V Hysteresis
• Current Output Pk 8A RMS
• Power Dissipation Capability 60W
• RoHS compliant
Symbol
Parameter
Ratings
Unit
V
DD
Supply Voltage
18
V
IN
Input Single Voltage
-.7 to +5.5
I
O PK
Output Current Peak
8A
T
JMAX
Operating Temperature
175
°C
MOSFET Driver
Driver Absolute Maximum Ratings
Driver Specifications
Symbol
Parameter
Min
Typ
Max
Unit
V
DD
Supply Voltage
815
18
V
IN
Input Voltage
3
5.5
IN
(R)
Input Voltage Rising Edge
3
ns
IN
(F)
Input Voltage Falling Edge
3
I
DDQ
Quiescent Current
2mA
I
O
Output Current
8A
C
oss
Output Capacitance
2500
pF
C
iss
Input Capacitance
3
R
IN
Input Parallel Resistance
1mΩ
V
T(ON)
Input, Low to High Out
0.8
1.1
V
V
T(OFF)
Input, High to Low Out
1.9
2.2
T
D
Prop. Delay
35
ns
t
r
Rise Time
10
t
f
Fall Time
10
Microsemi Website - http://www.microsemi.com
DRF200
IN
SG
GND +Vdd OUT


Similar Part No. - DRF200G

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRF200PS24-N1 XPPOWER-DRF200PS24-N1 Datasheet
170Kb / 2P
AC-DC DIN Rail
More results

Similar Description - DRF200G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
MOSFET Driver
logo
NXP Semiconductors
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
MOSFET driver
Rev. 02-28 August 2009
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
MOSFET driver
Rev. 01-3 November 2006
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
MOSFET driver
Rev. 01-24 November 2006
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
MOSFET driver
Rev. 01-20 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
MOSFET driver
Rev. 01-27 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
MOSFET Driver
October, 2017 ??Rev. P1
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
MOSFET driver
Rev. 02 - 28 August 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com