Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF200G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF200G
Description  MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF200G Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF200G Datasheet HTML 1Page - Microsemi Corporation DRF200G Datasheet HTML 2Page - Microsemi Corporation DRF200G Datasheet HTML 3Page - Microsemi Corporation DRF200G Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRF200G
Output Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
out
Output Resistance
1
Ω
F
MAX
Operating Frequency CL=3000nF + 50Ω
15
MHz
F
MAX
Operating Frequency RL=50Ω
30
Thermal Characteristics
Symbol
Parameter
Ratings
Unit
RθJC
Thermal Resistance Junction to Case
1.4
°C/W
RθJHS
Thermal Resistance Junction to Heat Sink
2.2
T
JSTG
Storage Temperature
-55 to 150
°C
T
JMAX
Maximum Junction Temperature
175
P
D
Maximum Power Dissipation @ T
SINK = 25°C
>60
W
P
DC
Total Power Dissipation @ T
C = 25°C
>100
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Figure 1, DRF100 Simplified Circuit Diagram
The Simplified DRF100 Circuit Diagram is illustrated above. The Schmitt trigger input (pin 1), Kelvin signal ground (pin 2) and the Anti-Ring
Function, provide improved stability and control. The IN pin (1) is applied to a Schmitt Trigger. The signal is then applied to the intermediate
drivers and level shifters; this section contains proprietary circuitry designed specifically for ring abatement. The P channel and N channel
power drivers provide the high current to the OUTPUT (pin 5.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com