Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1202 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # DRF1202
Description  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1202 Datasheet(HTML) 4 Page - Microsemi Corporation

  DRF1202 Datasheet HTML 1Page - Microsemi Corporation DRF1202 Datasheet HTML 2Page - Microsemi Corporation DRF1202 Datasheet HTML 3Page - Microsemi Corporation DRF1202 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 3, DRF1202 Mechanical Outline
All dimensions are ± .005
DRF1202
R0.150
4PLCS
Ø0.125
4PLCS
0.520
0.0045
0.750
0.250
0.250
1.500
0.275
0.200
0.200
0.370
0.275
0.300
0.038
1.000
0.300
0.275
LARGE LEADS - 0.200", 2 PLCS
GAPS - 0.090" , 2 PLCS
0.125
0.125
MEDIUM LEADS - 0.065", 2PLCS
SMALL LEADS - 0.040", 3 PLCS
GAPS - 0.050", 6 PLCS
12
3
4
5
6
7
10
9
8
.005" TYP. HALF HARD
COPPER GOLD PLATED
Pin Assignments
Pin 1
Ground
Pin 2
U1 +Vdd
Pin 3
FN
Pin 4
U1 IN
Pin 5
U1 SG
Pin 6
U1 +Vdd
Pin 7
Ground
Pin 8
Source
Pin 9
Drain
Pin 10
Source



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com