Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRF1202 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DRF1202
Description  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1202 Datasheet(HTML) 2 Page - Microsemi Corporation

  DRF1202 Datasheet HTML 1Page - Microsemi Corporation DRF1202 Datasheet HTML 2Page - Microsemi Corporation DRF1202 Datasheet HTML 3Page - Microsemi Corporation DRF1202 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRF1202
MOSFET Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain Source Voltage
500
V
I
D
Continuous Drain Current T
HS = 25°C
50
A
R
DS(on)
Drain-Source On State Resistance
0.25
Ω
Dynamic Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
C
iss
Input Capacitance
2000
pF
C
oss
Output Capacitance
165
C
rss
Reverse Transfer Capacitance
75
Thermal Characteristics
Symbol
Parameter
Ratings
Unit
RθJC
Thermal Resistance Junction to Case
0.10
°C/W
RθJHS
Thermal Resistance Junction to Heat Sink
0.27
T
JSTG
Storage Temperature
-55 to 150
°C
P
D
Maximum Power Dissipation @ T
SINK = 25°C
1180
W
P
DC
Total Power Dissipation @ T
C = 25°C
3100
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Figure 1, DRF1202 Simplified Circuit Diagram
The Simplified DRF1202 Circuit Diagram is illustrated above. By including the driver high speed by-pass capacitor (C1), their contribution to
the internal parasitic loop inductance of the driver output is greatly reduced. This, coupled with the tight geometry of the hybrid, allows optimal
gate drive to the MOSFET. This low parasitic approach, coupled with the Schmitt trigger input (IN), Kelvin signal ground (SG) and the Anti-
Ring Function, provide improved stability and control in Kilowatt to Multi-Kilowatt, high Frequency applications. The IN pin is the input for the
control signal and is applied to a Schmitt Trigger. Both the FN and IN pins are referenced to Kelvin ground (SG.) The signal is then applied to
the intermediate drivers and level shifters; this section contains proprietary circuitry designed specifically for the ring abatement. The power
drivers provide high current to the gate of the MOSFETS.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com