Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4801 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC4801
Description  CONTROL DEVICES Planar Beamlead - PIN Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4801 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC4801 Datasheet HTML 1Page - Microsemi Corporation GC4801 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GC4801 – GC4802
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-02-23
RoHS Compliant
CONTROL DEVICES
Planar Beamlead – PIN Diodes
ELECTRICAL PARAMETERS @ 25
C (Unless Otherwise Specified)
Model Number
Vb (V)
IR=10μA
(Min)
CT
1(pF)
@10V
(Typ / Max)
CT
1 (pF)
@50V
(Typ / Max)
Rs
1 (Ω)
@20mA
(Typ / Max)
Rs
1 (Ω)
@50mA
(Typ / Max)
TL(nS)
(Typ)
TS(nS)
(Typ)
VF (V)
IF=50mA
(Typ)
GC4800A – 14
80
0.016 / 0.020
--
4.5 / 6.5
150
30
1.0
GC4801 – 14
100
0.018 / 0.020
3.5 / 4.0
150
30
1.0
GC4802 – 14
100
0.060 / 0.070
2.2 / 3.0
150
30
1.0
GC4810 - 16
150
0.025 / 0.035
3.0 / 4.0
300
50
1.0
Notes:
1 – RS and CT are determined using Loss and Isolation
measurements at F = 2.2 GHz.
PACKAGE STYLE 14
PACKAGE STYLE 16



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com