Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4801 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4801
Description  CONTROL DEVICES Planar Beamlead - PIN Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4801 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4801 Datasheet HTML 1Page - Microsemi Corporation GC4801 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GC4801 – GC4802
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-02-23
RoHS Compliant
CONTROL DEVICES
Planar Beamlead – PIN Diodes
DESCRIPTION
Hybrid microwave integrated circuit applications utilizing stripline or microstrip
substrates generally require that the active components be of appropriate size
and integrity so that the physical constraints imposed by handling and
bonding and electrical performance demands can be met. The GC4800 series
planar PIN diodes are offered to meet the above MIC demands as well as
conform to established industry norms on minimum expected performance
and geometric format and convention.
The device structure consists of two plated co-planar leads (commonly
referred to as “beams”) extending from the “P” and “N” type contacts
selectively located on the semiconductor substrate. Our application notes
offer an explanation of the device’s operational characteristics and how they
may be useful in specific circuit designs.
Thermal oxide junction passivation is incorporated into the structural design
for electrical permanence (low conductive leakage, stable capacitance and
reverse breakdown voltage).
This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS/BENEFITS
High Speed Switching
Broadband Performance
Suitable for Applications through
26 Ghz
APPLICATIONS
The GC4800 series beam lead PIN diodes, with their characteristically low
series resistance, low junction capacitance and low parasitic reactance, are
ideally suited for low power series or shunt switching, limiting, phase shifting,
attenuating and demodulating applications in stripline or microstrip format
through Ku band. The GC4801, with its low series resistance and junction
capacitance, would be a better choice for applications requiring high isolation
in a series mode switch. Please refer to MicroNote 713 for for device and
circuit design information as well as helpful tips on handling and bonding.
KEY FEATURES
Low Series Resistance
Low Capacitance
Fast Switching
Electrically Stable Performance
Sound Device Construction
Performance through 18 GHz
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS @ 25º C(Unless Otherwise Specified)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of minimum Rated VB
IR
0.5
uA
Operating Temperature
TOP
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
These devices are ESD sensitive and must be handled using ESD precautions.
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult factory for the latest information.
1 The GC4800 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - GC4801

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GC487M09-35A GLENAIR-GC487M09-35A Datasheet
416Kb / 1P
Shorting Bulkhead Feed-Thru
GC487M09-35B GLENAIR-GC487M09-35B Datasheet
416Kb / 1P
Shorting Bulkhead Feed-Thru
GC487M09-35C GLENAIR-GC487M09-35C Datasheet
416Kb / 1P
Shorting Bulkhead Feed-Thru
GC487M09-35D GLENAIR-GC487M09-35D Datasheet
416Kb / 1P
Shorting Bulkhead Feed-Thru
GC487M11-35A GLENAIR-GC487M11-35A Datasheet
416Kb / 1P
Shorting Bulkhead Feed-Thru
More results

Similar Description - GC4801

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGBLP912 MA-COM-MA4AGBLP912 Datasheet
90Kb / 4P
AlGaAs Beamlead PIN Diode
MA4GP905 MA-COM-MA4GP905 Datasheet
85Kb / 3P
GaAs Beamlead PIN Diode
logo
Microsemi Corporation
GC4210 MICROSEMI-GC4210 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
CONTROL DEVICES High Power PIN Diodes
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
logo
M/A-COM Technology Solu...
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
AlGaAs Beamlead PIN Diode
logo
Microsemi Corporation
MPP4201 MICROSEMI-MPP4201_09 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
CONTROL DEVICES Surface Mount-Melf pin diodes
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
230Kb / 5P
HMIC Silicon Beamlead PIN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com