Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9911 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC9911
Description  Schottky Barrier Diodes TM For Mixers and Detectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9911 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC9911 Datasheet HTML 1Page - Microsemi Corporation GC9911 Datasheet HTML 2Page - Microsemi Corporation GC9911 Datasheet HTML 3Page - Microsemi Corporation GC9911 Datasheet HTML 4Page - Microsemi Corporation GC9911 Datasheet HTML 5Page - Microsemi Corporation GC9911 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GC9901 – GC9944
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Schottky Barrier Diodes
For Mixers and Detectors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
IMPORTANT:
For the most current data, consult our web site:
HU
www.microsemi.com
U
Specifications are subject to change. Consult factory for latest information.
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Schottky Barrier devices are currently available in single beamlead, dual “T”,
ring quad and bridge quad configurations. Devices are available in monolithic
form for hybrid applications as well as in hermetic or non-hermetic packages.
Monolithic devices are recommended for highest frequency, broadband
designs. The beamlead design eliminates the problems associated with wire
bonding very small junction devices thus improving reliability and
performance in MIC applications. Our in house epitaxy process capability
insures repeatability for lowest conversion loss through Ku Band. A broad
range of unique metallization schemes produce Microsemi’s complete line of
barrier heights. Diodes are currently available with barrier heights as low as
240 mV and up to 625 mV per junction. By optimizing epitaxy and
metallization, these devices achieve the lowest RS-CJ products resulting in
exceptional conversion loss performance. “High Rel” screening is available on
packaged devices per your requirements.
This series of devices meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS/BENEFITS
Mixers
Level Detectors
Phase Detectors
APPLICATIONS
Schottky barrier diodes are suitable for a variety of circuit applications ranging
from single ended RF mixers to low level high speed switching. The
monolithic beamlead design minimizes parasitic inductance and capacitance
insuring repeatable performance through Ku band. Single junction devices
such as the style ‘S12’ are well suited for RF Mixers, level detectors, phase
detectors, modulators, etc. With junction capacitances as low as .06 pF,
Monolithic Quads are ideally suited for broadband double balanced mixer
designs through 26.5 GHz. The Ultra-Low Barrier devices (GC9900 Series)
are designed for mixers with low or starved Local Oscillator levels where
optimal conversion loss is a must. High barrier diodes, (GC9940 Series) are
designed for applications where high drive levels are available, such as,
Doppler mixers or motion detection. Schottky diodes are available in Ultra-
Low, Medium and High Drive levels to fit virtually any circuit requirement.
ABSOLUTE MAXIMUM RATINGS AT 25º C
3B
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Power Handling
P
100
mW
Storage Temperature
TSTG
-65 to +175
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
Monolithic design for lowest
parasitics
Low Conversion Loss
Suitable for applications to 26.5
GHz
Excellent Noise Figure
Available in low, medium and high
barrier heights
Can be supplied as monolithic
devices for hybrid applications or
as packaged devices
RoHS Compliant
1
1 These devices are supplied with Gold
plated terminations. Consult factory for
details.


Similar Part No. - GC9911

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC9981 MICROSEMI-GC9981 Datasheet
164Kb / 2P
Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9982 MICROSEMI-GC9982 Datasheet
164Kb / 2P
Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9983 MICROSEMI-GC9983 Datasheet
164Kb / 2P
Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9984 MICROSEMI-GC9984 Datasheet
164Kb / 2P
Schottky Barrier Diodes TM Ultra High Drive Monolithic
GC9985 MICROSEMI-GC9985 Datasheet
164Kb / 2P
Schottky Barrier Diodes TM Ultra High Drive Monolithic
More results

Similar Description - GC9911

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT114-099 SIEMENS-BAT114-099 Datasheet
47Kb / 3P
Silicon Dual Schottky Diode (High barrier diode for balanced mixers, phase detectors and modulators)
logo
Agilent(Hewlett-Packard...
HSCH-5300 HP-HSCH-5300 Datasheet
76Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors (1 - 26 GHz)
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
SCHOTTKY BARRIER DIODES General Purpose TM
MS8250-48 MICROSEMI-MS8250-48 Datasheet
140Kb / 2P
SCHOTTKY DIODES TM Silicon Low Barrier
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-5531 AVAGO-HSCH-5531 Datasheet
160Kb / 6P
Beam Lead Schottky Diode Pairs for Mixers and Detectors
HSCH-5314 AVAGO-HSCH-5314 Datasheet
84Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
logo
Broadcom Corporation.
HSCH-5310 BOARDCOM-HSCH-5310 Datasheet
84Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-5314 BOARDCOM-HSCH-5314 Datasheet
84Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
logo
AVAGO TECHNOLOGIES LIMI...
HSCH-53XX AVAGO-HSCH-53XX Datasheet
74Kb / 6P
Beam Lead Schottky Diodes for Mixers and Detectors
HSCH-55XX AVAGO-HSCH-55XX Datasheet
200Kb / 6P
Beam Lead Schottky Diode Pairs for Mixers and Detectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com