Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9911 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC9911
Description  Schottky Barrier Diodes TM For Mixers and Detectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9911 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC9911 Datasheet HTML 1Page - Microsemi Corporation GC9911 Datasheet HTML 2Page - Microsemi Corporation GC9911 Datasheet HTML 3Page - Microsemi Corporation GC9911 Datasheet HTML 4Page - Microsemi Corporation GC9911 Datasheet HTML 5Page - Microsemi Corporation GC9911 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GC9901 – GC9944
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Schottky Barrier Diodes
For Mixers and Detectors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
.
Notes
1. When ordering, specify appropriate package style.
IE: Order GC9901-S12 for single beamlead configuration.
2. V b measured at 10µA (N/A on ring quads).
3. 0 Volts, F=1 MHz (diagonal leads on quads).
4. L.O. = 0 dBm, Nif = 1.5 dB, F = 10 GHz
5. L.O. = 0 dBm
CHIP ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model
1
Number
Barrier
Height
Freq
Range
VB(V)
2
IR=10μA
(Min)
CJ(pF)
3
@0V
(Max)
VF(mV)
@1 mA
(Max)
RD(Ω)
@5 mA
(Max)
NFSSB
(db)
4
(Typ)
ZIF(Ω)
5
(Typ)
GC9901
Ku-Ka
0.10
340
20
6.5
GC9902
X
0.15
310
16
6
GC9903
C
0.30
300
14
5.5
GC9904
ULTRA
LOW
S
2.0
0.50
280
12
5.5
140
GC9911
Ku-Ka
0.10
360
20
6.5
GC9912
X
0.15
350
16
6
GC9913
C
0.30
340
14
5.5
GC9914
LOW
S
2.0
0.50
330
12
5.5
170
GC9921
Ku-Ka
0.10
470
20
6.5
GC9922
X
0.15
460
16
6
GC9923
C
0.30
440
14
5.5
GC9924
LOW-
MED
S
2.0
0.50
420
12
5.5
200
GC9931
Ku-Ka
0.10
550
20
6.75
GC9932
X
0.15
540
16
6.25
GC9933
C
0.30
530
14
5.75
GC9934
MEDIUM
S
3.0
0.50
510
12
5.5
250
GC9941
Ku-Ka
0.10
660
20
7
GC9942
X
0.15
640
16
6.25
GC9943
C
0.30
630
14
5.75
GC9944
HIGH
S
4.0
0.50
610
12
5.75
300



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com