Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG72030 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG72030
Description  REFLECTIVE SPDT SWITCH MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72030 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG72030 Datasheet HTML 1Page - Microsemi Corporation GG72030 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GG72030
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
REFLECTIVE SPDT SWITCH MODULES
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
Notes:
1. RF Power Handling; 0.5W CW.
2. Switching Speed: Rise time, 30nS (max); Fall time, 10nS (max).
3. Required D.C. Bias: Insertion Loss, -35mA; Isolation, +30 mA.
4. Switching Speed is measured from 10%-90% and from 90%-10% of the detected RF pulse with a 2 MHz maximum switching rate.
5. Temperature Rating: Operating, -55 to +95°C; Storage, -55° to +125°C.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Drop in SPDT Module
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Microstrip/Stripline Compatible
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Ts
4 (nS)
(Sw. speed)
Model Number
Frequency
Range
Insertion Loss
1 (dB)
(Max)
Isolation
1(dB)
(Min)
VSWR
(Max)
TRISE
TFALL
GG72030 – 01
0.5 - 4.0
0.8
60
1.5:1
30
10
GG72030 – 02
2.0 - 8.0
1.3
60
1.7:1
30
10
GG72030 – 03
4.0 - 12.4
1.8
55
1.8:1
30
10
GG72030 – 04
8.0 -18.0
2.2
50
1.9:1
30
10
GG72030 - 05
2.0 - 18.0
2.3
45
2.0:1
30
10


Similar Part No. - GG72030

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72020 MICROSEMI-GG72020 Datasheet
89Kb / 2P
ABSORBTIVE SPDT SWITCH MODULES
GG72020-01 MICROSEMI-GG72020-01 Datasheet
89Kb / 2P
ABSORBTIVE SPDT SWITCH MODULES
GG72020-02 MICROSEMI-GG72020-02 Datasheet
89Kb / 2P
ABSORBTIVE SPDT SWITCH MODULES
GG72020-03 MICROSEMI-GG72020-03 Datasheet
89Kb / 2P
ABSORBTIVE SPDT SWITCH MODULES
GG72020-04 MICROSEMI-GG72020-04 Datasheet
89Kb / 2P
ABSORBTIVE SPDT SWITCH MODULES
More results

Similar Description - GG72030

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS2190A UMS-CHS2190A Datasheet
71Kb / 4P
50-60GHz Reflective SPDT Switch
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
Filtronic Compound Semi...
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
SPDT Reflective pHEMT MMIC Switch
logo
Microsemi Corporation
GG71010 MICROSEMI-GG71010 Datasheet
87Kb / 2P
REFLECTIVE SPST SWITCH MODULES
GG72130 MICROSEMI-GG72130 Datasheet
91Kb / 2P
REFLECTIVE SPDT SWITCH MODULES w/ Bias Circuitry
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG75030 MICROSEMI-GG75030 Datasheet
85Kb / 2P
REFLECTIVE SP5T SWITCH MODULES
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
Reflective SPDT RF Switch
logo
TriQuint Semiconductor
TQP4M0008 TRIQUINT-TQP4M0008_15 Datasheet
217Kb / 7P
Low Loss Reflective SPDT Switch
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
High Isolation Reflective SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com