Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG72030 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GG72030
Description  REFLECTIVE SPDT SWITCH MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72030 Datasheet(HTML) 2 Page - Microsemi Corporation

  GG72030 Datasheet HTML 1Page - Microsemi Corporation GG72030 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GG72030
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
REFLECTIVE SPDT SWITCH MODULES
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
ENVIRONMENTAL
These units are designed to meet the following
environmental criteria.
ENVRONMENTAL CONDITIONS
TEST
MIL-PRF METHOD
COND.
Internal Visual
883
2017
- -
Stabilization Bake
883
1008
B
Thermal Cycle
883
1010
B
Constant
Acceleration
883
2001
1 (Y1
Axis)
Burn In
883
1015
125 ºC
Seal – Fine Leak
Seal – Fine Leak
883
1014
A1
C1
External Visual
883
2009
- -
OUTLINE 210004
NOTES
1. All pins are 0.012 ±0.001" dia, 0.100" (min) long.
May be supplied with tabs, 0.025 ±0.01 x 0.006
±0.002, upon request.
2. Tolerance on 3 place decimal, ±0.003" unless
otherwise specified.
3. Case and leads gold plated per MIL-G-45204,
Type 3, Grade A 50 µinch (min).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com