Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KV2111 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # KV2111
Description  VARACTOR DIODES Microwave Hyperabrupt Junction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KV2111 Datasheet(HTML) 1 Page - Microsemi Corporation

  KV2111 Datasheet HTML 1Page - Microsemi Corporation KV2111 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KV2111 – KV2161
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
VARACTOR DIODES
Microwave Hyperabrupt Junction
TM
®
DESCRIPTION
The KV2100 series of microwave hyperabrupt varactor diodes offers octave
tuning through 8 GHz. High reliability passivated construction, insures
excellent VCO settling time and post tuning drift characteristics. As with
their UHF counterparts, straight-line tuning can be achieved over a mid
voltage bias range. They are available in a wide range of package styles
and configurations including matched sets with tighter tolerances. As is the
case with all microwave applications, chip devices (style 00) are
recommended
for
best
wide
bandwidth
and
highest
frequency
performance. When ordering specify the desired case style by adding its
number as a suffix to the basic model number. Some limitations apply.
Consult factory for details.
APPLICATIONS/BENEFITS
 HV-VHF VCXO & TCXO
Applications
 Frequency Modulators
APPLICATIONS
Ultrahigh Q and excellent large signal handling capabilities, along with a
greater than 4 to 1 capacitance ratio, is obtained by tuning from 4 to 20
volts of reverse bias.
These products are ideal for linear, wide deviation tuning of VCXO/TCXO’S
and frequency modulators results when these diodes are tuned over a 3 to
8 volt bias range.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Working Voltage
VR
22
V
Storage Temperature
TSTG
-65 to +150
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
 Available as packaged devices or
as chips for hybrid applications
 Octave Tuning Range
 Ultrahigh Q
 Available With 5% CT Tolerance
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 Unless otherwise specified, these products
are supplied with Gold terminations suitable
for RoHS compliant assembly.


Similar Part No. - KV2111

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV2113 MICROSEMI-KV2113 Datasheet
290Kb / 4P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
KV2113 MICROSEMI-KV2113 Datasheet
158Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
More results

Similar Description - KV2111

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
Hyperabrupt Junction Tuning Varactor
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A Datasheet
58Kb / 1P
UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
GaAs Hyperabrupt Junction Varactor Diodes
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
Hyperabrupt Junction Tuning Varactor
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A_1 Datasheet
90Kb / 2P
VARACTOR DIODES UHF Microwave Super-Hyperabrupt Junction
KV2001 MICROSEMI-KV2001 Datasheet
121Kb / 4P
VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction
logo
Skyworks Solutions Inc.
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com