Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK944/PCBZ
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK944/PCBZ Datasheet HTML 2Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCLK944
Rev. 0 | Page 6 of 12
1. EXPOSED PAD MUST BE CONNECTED
TO VEE.
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
Q1
NOTES
Q1
Q2
9
Q2
1
3
4
CLK
VREF
2
VT
CLK
TOP VIEW
(Not to Scale)
ADCLK944
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Differential Input (Positive).
2
VT
Center Tap. This pin provides the center tap of a 100 Ω input resistor for the CLK and CLK inputs.
3
VREF
Reference Voltage. This pin provides the reference voltage for biasing ac-coupled CLK and CLK inputs.
4
CLK
Differential Input (Negative).
5, 16
VEE
Negative Supply Pin.
6, 7
Q3, Q3
Differential LVPECL Outputs.
8, 13
VCC
Positive Supply Pin.
9, 10
Q2, Q2
Differential LVPECL Outputs.
11, 12
Q1, Q1
Differential LVPECL Outputs.
14, 15
Q0, Q0
Differential LVPECL Outputs.
EPAD
The exposed pad must be connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com