Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK944/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCLK944/PCBZ
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCLK944/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK944/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADCLK944
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VEE = 0.0 V, VICM = VREF, TA = 25°C, clock outputs terminated at 50 Ω to VCC − 2 V, unless otherwise noted.
CH1 300mV
M 1.25ns 20.0GS/s
A CH1
36.0mV
IT 25.0ps/pt
1
Figure 3. LVPECL Differential Output Waveform at 200 MHz
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
1000
2000
3000
4000
5000
6000
7000
8000
FREQUENCY (MHz)
3.3V
2.5V
Figure 4. Differential Output Voltage Swing vs. Frequency
80
85
90
95
100
105
110
115
0.1
0.3
0.5
0.7
0.9
1.1
DIFFERENTIAL INPUT VOLTAGE SWING (V)
DELAY 3.3V
DELAY 2.5V
Figure 5. Propagation Delay vs. Differential Input Voltage Swing
CH1 300mV
M 250ps 20.0GS/s
A CH1
36.0mV
IT 5.0ps/pt
1
Figure 6. LVPECL Differential Output Waveform at 1000 MHz
1.55
1.50
1.45
1.40
1.35
1.30
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
POWER SUPPLY VOLTAGE (V)
+25°C
+85°C
–40°C
Figure 7. Differential Output Voltage Swing vs. Power Supply Voltage
and Temperature, VID = 1.6 V p-p
140
3.3V
2.5V
130
120
110
100
90
80
1.0
1.5
2.0
2.5
3.0
3.5
DC COMMON-MODE VOLTAGE (VICM – VEE)
Figure 8. Propagation Delay vs. DC Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com