Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5541LL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5541LL
Description  Co-Package 2.3 - 2.5 GHz HBT Power Amp pHEMT Low Noise Amplifier SPDT Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5541LL Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5541LL Datasheet HTML 1Page - Microsemi Corporation LX5541LL Datasheet HTML 2Page - Microsemi Corporation LX5541LL Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LX5541
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Co-Package 2.3 – 2.5 GHz HBT Power Amp +
pHEMT Low Noise Amplifier + SPDT Switch
TM
®
Copyright  2006
Rev. 1.3, 2008-02-11
P R O D U C T H I G H L I G H T
P R O D U C T H I G H L I G H T
P R O D U C T H I G H L I G H T
P R O D U C T H I G H L I G H T
A B S O L U T E M A X I M U M R A T
A B S O L U T E M A X I M U M R A T
A B S O L U T E M A X I M U M R A T
A B S O L U T E M A X I M U M R A T I N G S
I N G S
I N G S
I N G S
DC Supply Voltage, RF off (PA) ...................................................................... 5V
(LNA) .................................................................. 4V
Collector Current (PA) ............................................................................... 500mA
Drain current
(LNA) ................................................................................. 40mA
Total Power Dissipation ....................................................................................2W
RF Input Power ........................................................................................ +10 dbm
Operation Ambient Temperature................................................... -40°C to +85°C
Storage Temperature ................................................................... -65°C to +150°C
Peak Package Solder Reflow Temp. (40 second max exposure) -260°C (+0,-5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect
to
Ground. Currents are positive into, negative out of specified terminal
.
x
denotes respective pin designator 1, 2, or 3
T H E R M A L D A T A
T H E R M A L D A T A
T H E R M A L D A T A
T H E R M A L D A T A
LL Plastic MLPQ 3X3 X1
THERMAL RESISTANCE
-JUNCTION TO CASE, θ
θ
θ
θ
JC
12.8 C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT, θ
θ
θ
θ
JA
53.4 C/W
P A C K A G E P I N O U
P A C K A G E P I N O U
P A C K A G E P I N O U
P A C K A G E P I N O U T
T
T
T
4
12
PAIn
Vb1
DetO
Ctl1
9
Vb2
SwTxI
1
3
11
PAOut
2
10
DetI
LQ PACKAGE
(Bottom View)
RoHS/Pb-free 100% Matte Tin Lead finish
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
P A C K A G E O R D E R I N F O
LL
Plastic MLPQ
16 pin 3X3
RoHS Compliant /Pb-free
LX5541LL
Note: Available in Tape & Reel.
Append the letters “TR” to the part number.
(i.e. LX5541LL-TR)
MSC
5530
608Y
MSC
5541
717A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com