Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5541LL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX5541LL
Description  Co-Package 2.3 - 2.5 GHz HBT Power Amp pHEMT Low Noise Amplifier SPDT Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5541LL Datasheet(HTML) 1 Page - Microsemi Corporation

  LX5541LL Datasheet HTML 1Page - Microsemi Corporation LX5541LL Datasheet HTML 2Page - Microsemi Corporation LX5541LL Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LX5541
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Co-Package 2.3 – 2.5 GHz HBT Power Amp +
pHEMT Low Noise Amplifier + SPDT Switch
TM
®
Copyright  2006
Rev. 1.3, 2008-02-11
D E S C R I P T I O N
D E S C R I P T I O N
D E S C R I P T I O N
D E S C R I P T I O N
LX5541 is a co-package RFIC
consisting
of
an
InGaP/GaAs
Heterojunction
Bipolar
Transistor
(HBT) power amplifier, an InGaAs
pseudomorphic HEMT (pHEMT) low
noise amplifier, and a SPDT switch.
All three RF devices are optimized for
WLAN applications in the 2.3 to 2.5
GHz frequency range.
The PA is implemented as a two-
stage monolithic microwave integrated
circuit (MMIC) with active bias and
output pre-matching. The LNA is fully
matched internally, and the LNA is
connected to the RX port of SPDT
switch directly inside the MLPQ
package.
Both PA and LNA operate with
single low voltage supply of 3.3V.
The PA (including SPDT switch loss)
offers 27 dB power gain between 2.3-
2.5GHz, at a low quiescent current of
90mA.
For 19dBm OFDM output power
(64QAM, 54Mbps) at the antenna port,
the PA including SPDT switch provides
a low EVM (Error-Vector Magnitude)
of about 3%, and consumes 145 mA
total DC current.
The LNA (including SPDT switch
loss) offers 13 dB gain, 2 dB noise
figure (switch contribution included)
and a high input IP3 of +5 dBm at 10
mA DC current.
LX5541 is available in a low profile
16-pin 3mmx3mm micro-lead package
(MLPQ-16L).
LX5541 with a PA,
LNA and SPDT integrated in a small,
low profile, and low thermal resistance
package offers an ideal compact front
end solution for IEEE 802.11b/g/n
applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
K E Y F E A T U R E S
K E Y F E A T U R E S
K E Y F E A T U R E S
K E Y F E A T U R E S
Small Footprint: 3x3mm
2
Low Profile: 0.45mm
2.3-2.5GHz Operation
Single-Polarity 3.3V
Supply
On-Chip Active Bias Circuit
for both PA and LNA
TX Features:
Input matched PA
Quiescent Current ~ 90mA
Power Gain ~ 27 dB *
Total Current ~ 145mA for
Pout=19 dBm OFDM *
EVM~3 % at 19dBm (2%
at 17dBm) 54Mbps/64QAM
RX Features:
LNA Gain ~ 13 dB *
LNA Noise Figure ~ 2 dB *
LNA Input IP3 ~ +5dBm *
LNA On-Chip Input/Output
Match
* Including SPDT switch loss
A P P L I C A T I O N S
A P P L I C A T I O N S
A P P L I C A T I O N S
A P P L I C A T I O N S
IEEE 802.11b/g/n
B L O C K D I A
B L O C K D I A
B L O C K D I A
B L O C K D I A G R A M
G R A M
G R A M
G R A M
Ctl1
Ctl2
Ant
SwTxI
PAOut
DetI
DetO
PAIn
Vb1/Vb2
Vcc
LNAO
Vdd
Ext.
Match
Ctl1
Ant
Vdd
RxOut
Vcc
Vref
TxIn
Det
Ctl2


Similar Part No. - LX5541LL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5540 MICROSEMI-LX5540 Datasheet
76Kb / 2P
Co-Package 2.3 - 2.5 GHz HBT Power Amplifier & pHEMT Low Noise Amplifier
LX5543 MICROSEMI-LX5543 Datasheet
92Kb / 3P
2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier and SP3T Switch
More results

Similar Description - LX5541LL

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 ALPHA-AS183-92 Datasheet
38Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Microsemi Corporation
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5511 MICROSEMI-LX5511 Datasheet
130Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5540 MICROSEMI-LX5540 Datasheet
76Kb / 2P
Co-Package 2.3 - 2.5 GHz HBT Power Amplifier & pHEMT Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Skyworks Solutions Inc.
SKY85201-11 SKYWORKS-SKY85201-11 Datasheet
189Kb / 2P
2.4 to 2.5 GHz SPDT Switch with Low-Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com