Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5511 Datasheet (PDF) - Microsemi Corporation

LX5511 Datasheet PDF - Microsemi Corporation
Part # LX5511
Download  LX5511 Download
File Size   130.57 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.3 - 2.5 GHz Power Amplifier

LX5511 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5511 Datasheet PDF - Microsemi Corporation

Part # LX5511
Download  LX5511 Click to download

File Size   130.57 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.3 - 2.5 GHz Power Amplifier

LX5511 Datasheet (HTML) - Microsemi Corporation


LX5511 Product details

DESCRIPTION

The Microsemi LX5511 is a power amplifier that is optimized for WLAN applications in the 2.3GHz – 2.5GHz frequency range. The LX5511 Power Amplifier is implemented as a two stage monolithic microwave integrated circuit (MMIC) with active bias and output pre-matching.

The device is manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) IC process (MOCVD). With a single low voltage supply of 3.3V 26dB power gain between 2.3-2.5GHz, at a low quiescent current of 90mA.



KEY FEATURES

■ Advanced InGaP HBT

■ 2.3-2.5GHz Operation

■ Single-Polarity 3.3V Supply

■ Quiescent Current 90mA

■ Power Gain 26 dB

■ Total Current 150mA for Pout=18 dBm OFDM

■ EVM<3 %, 2.4% Typical 54Mbps/64QAM

■ Small Footprint: 3x3mm2

■ Height 0.9mm



APPLICATIONS

■ IEEE 802.11b/g



 




Similar Part No. - LX5511

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510 MICROSEMI-LX5510 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5510-LQ MICROSEMI-LX5510-LQ Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510BLQ MICROSEMI-LX5510BLQ Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results


Similar Description - LX5511

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B Datasheet
178Kb / 6P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5518 MICROSEMI-LX5518 Datasheet
114Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5537 MICROSEMI-LX5537 Datasheet
112Kb / 2P
InGaP HBT 2.3 - 2.7 GHz Power Amplifier
LX5510 MICROSEMI-LX5510_05 Datasheet
332Kb / 9P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com