Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5537 Datasheet (PDF) - Microsemi Corporation

LX5537 Datasheet PDF - Microsemi Corporation
Part # LX5537
Download  LX5537 Download
File Size   112.72 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.3 - 2.7 GHz Power Amplifier

LX5537 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5537 Datasheet PDF - Microsemi Corporation

Part # LX5537
Download  LX5537 Click to download

File Size   112.72 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 2.3 - 2.7 GHz Power Amplifier

LX5537 Datasheet (HTML) - Microsemi Corporation


LX5537 Product details

DESCRIPTION
The LX5537 is a power amplifier optimized for 802.16e(WiMAX/WiBro) and 802.11b/g/n applications in the 2.3-2.7 GHz frequency range. The PA is implemented as a three-stage monolithic microwave integrated circuit (MMIC) with active bias, on-chip input matching and output pre-matching.
The device is manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) IC process (MOCVD). It operates with a single positive voltage supply of 3-4.2V, and provides power gain of 31dB and output powers of +23.5dBm at 3.6V and +25 dBm at 4.2V for 2.5% EVM in the 2.5-2.7GHz.

KEYFEATURES
● Advanced InGaP HBT
● 2.3-2.7GHz Operation
● Single-Polarity 3-4.2V Supply
● Power Gain ~ 31 dB or higher
● 23.5 dBm @2.5% EVM /3.6V
● 25 dBm @2.5% EVM /4.2V
● 24.5 dBm @4% EVM /3.6V
● 26 dBm @4% EVM /4.2V
● 22% Efficiency @24.5dBm/3.6V
● Optional 26dB Attenuation
● Complete On-Chip Input Match
● Simple Output Match for Optimal EVM
● Temperature-Compensated On-Chip Output Power Detector with Wide Dynamic Range
● Small Footprint: 3x3mm2
● Low Profile: 0.9mm

APPLICATIONS
● 802.16e WiMAX
● 802.16e WiBro
● 802.11b/g/n




Similar Part No. - LX5537

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5530 MICROSEMI-LX5530 Datasheet
101Kb / 2P
InGaP HBT 4.5 - 6.0GHz Power Amplifier
LX5530LQ MICROSEMI-LX5530LQ Datasheet
101Kb / 2P
InGaP HBT 4.5 - 6.0GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5535LQ MICROSEMI-LX5535LQ Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
More results


Similar Description - LX5537

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5510 MICROSEMI-LX5510 Datasheet
626Kb / 7P
InGaP HBT 2.4-2.5 GHz Power Amplifier
LX5512E MICROSEMI-LX5512E Datasheet
230Kb / 10P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5511 MICROSEMI-LX5511 Datasheet
130Kb / 2P
InGaP HBT 2.3 - 2.5 GHz Power Amplifier
LX5535 MICROSEMI-LX5535 Datasheet
74Kb / 2P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
logo
Mimix Broadband
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Microsemi Corporation
LX5510B MICROSEMI-LX5510B Datasheet
232Kb / 8P
InGaP HBT 2.4 - 2.5 GHz Power Amplifier
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
InGaP HBT 2.4 ??2.5 GHz Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com