Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2301 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2301
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 9Page - Analog Devices ADP2301 Datasheet HTML 10Page - Analog Devices ADP2301 Datasheet HTML 11Page - Analog Devices ADP2301 Datasheet HTML 12Page - Analog Devices ADP2301 Datasheet HTML 13Page - Analog Devices ADP2301 Datasheet HTML 14Page - Analog Devices ADP2301 Datasheet HTML 15Page - Analog Devices ADP2301 Datasheet HTML 16Page - Analog Devices ADP2301 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 13 of 28
FUNCTIONAL BLOCK DIAGRAM
1
6
2
5
4
3
VIN
VIN
OCP
250mV/A
0.5V
OVP
THERMAL
SHUTDOWN
SHUTDOWN
LOGIC
UVLO
BOOT
REGULATOR
CLK
GENERATOR
FREQUENCY FOLDBACK
(
fSW, ½ fSW, ¼ fSW)
R
S
Q
RAMP
GENERATOR
SHUTDOWN IC
0.90V
1.20V
1.2µA
0.8V
90pF
0.7pF
220kΩ
ON
EN
OFF
VBIAS = 1.1V
VFB
BST
GND
SW
VOUT
ADP2300/ADP2301
FB
Figure 41. ADP2300/ADP2301 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com