Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6503IPW Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX6503IPW
Description  TM HIGH PERFORMANCE CCFL CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6503IPW Datasheet(HTML) 1 Page - Microsemi Corporation

  LX6503IPW Datasheet HTML 1Page - Microsemi Corporation LX6503IPW Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LX6503
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
HIGH PERFORMANCE CCFL CONTROLLER
TM
®
Copyright
© 2008
Rev. 1.1, 2009-05-07
DESCRIPTION
KEY FEA T URES
• Push-Pull Output to Provide Low
Cost Solution for Multiple
Topology Configuration
• 0.6A Peak Source and Sink Drive
Current
• 6V to 27V Power Rail operation
(36V Absolute Maximum)
• On Chip Regulator with Under
Voltage Lock Out Protection
• Inverter Operating Frequency
Synchronization
• Soft Start Control
• Programmable Strike Time, Fault
Time, Strike Frequency, and Burst
Dimming Frequency
• Comprehensive Brightness
Control Modes
• Provide Optimized Solution for Off
PFC Inverter Applications
APPLICA T IONS
The LX6503 is a high performance
CCFL controller optimized for LCD-TV
and
other
multi-lamp
LCD
display
systems. It particularly provides a cost
competitive solution for off-PFC inverter
applications.
The controller provides a pair of push-
pull PWM drive signals with adequate
capacity to drive a push-pull, half bridge,
or
full
bridge
CCFL
inverter
configuration with the addition of simple
external circuitry.
An on-chip regulator supplies both the
operating voltage for the output gate
drive and bias to the internal control
circuitry.
This
allows
a
direct
connection of the controller to the
system supply extending the voltage up
to 27V without external regulators.
In addition the controller includes a
synchronization capability that allows
the
user
to
synchronize
both
the
frequency and phase of the lamp current
between inverters or to an external
synchronization signal.
The lamp current regulation circuit
comprises a simple and robust control
loop
design
with
good
regulation
accuracy
and
dynamic
response
at
transient conditions. Furthermore a soft
start feature provides more reliable lamp
strike and allows effective control of the
possible inverter start up surge current
and lamp current/voltage overshoot.
Lamp dimming operation is also
well considered to facilitate convenient
and flexible dimming control design
with synchronization capability.
In addition, reliable fault detection
and protection functions are facilitated
including open lamp, over voltage, short
circuit, and over current protection.
Furthermore,
programmable
striking
frequency, programmable strike and
protection timing, and fault indication
are all built-in with the very compact
chip design.
The device is available in the 16 lead
TSSOP and SOIC wide body surface
mount
packages
in
the
industrial
temperature range.
LCD-TV
Multi-Lamp LCD Monitors
CCFL, EEFL, FFL Backlight
Systems
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Patents Pending
PACKAGE ORDER INFO
THERMAL DATA
DW
Plastic SOWB 16 Pin
θ
J
A = 69.1 °C/W
TA (°C)
RoHS Compliant / Pb-free
THERMAL RESISTANCE
-JUNCTION TO AMBIENT
-40 to 85
LX6503IDW
Note: Available in Tape & Reel. Append the letters “TR” to the part number.
(i.e. LX6503IDW-TR)
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the above assume no ambient airflow.
PW
Plastic TSSOP 16 Pin
θ
J
A = 105.6 °C/W
TA (°C)
RoHS Compliant / Pb-free
THERMAL RESISTANCE
-JUNCTION TO AMBIENT
-40 to 85
LX6503IPW
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the above assume no ambient airflow.
Note: Available in Tape & Reel. Append the letters “TR” to the part number.
(i.e. LX6503IPW-TR)


Similar Part No. - LX6503IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
High Performance CCFL Controller
LX6503AID MICROSEMI-LX6503AID Datasheet
363Kb / 2P
High Performance CCFL Controller
LX6503AID-TR MICROSEMI-LX6503AID-TR Datasheet
363Kb / 2P
High Performance CCFL Controller
More results

Similar Description - LX6503IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
TM High Performance Multi-Lamp CCFL Controller
LX1693 MICROSEMI-LX1693 Datasheet
92Kb / 2P
High Performance CCFL Controller w/ALS
LX1697 MICROSEMI-LX1697 Datasheet
70Kb / 2P
High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
High Performance CCFL Controller
LX6523A MICROSEMI-LX6523A Datasheet
387Kb / 2P
High Performance CCFL Controller
LX1699 MICROSEMI-LX1699 Datasheet
154Kb / 2P
High Performance CCFL Controller TM
LX6523 MICROSEMI-LX6523 Datasheet
107Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6512 MICROSEMI-LX6512_09 Datasheet
115Kb / 2P
High Performance CCFL Controller
LX6512A MICROSEMI-LX6512A Datasheet
86Kb / 2P
High Performance CCFL Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com