Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24 Datasheet(PDF) 7 Page - Analog Devices

Part # SS24
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SS24 Datasheet(HTML) 7 Page - Analog Devices

Back Button SS24 Datasheet HTML 3Page - Analog Devices SS24 Datasheet HTML 4Page - Analog Devices SS24 Datasheet HTML 5Page - Analog Devices SS24 Datasheet HTML 6Page - Analog Devices SS24 Datasheet HTML 7Page - Analog Devices SS24 Datasheet HTML 8Page - Analog Devices SS24 Datasheet HTML 9Page - Analog Devices SS24 Datasheet HTML 10Page - Analog Devices SS24 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 7 of 28
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.8V
INDUCTOR: LPS6225-472MLC
DIODE: B230A
Figure 10. Efficiency Curve, VIN = 3.3 V with External 5.0 V Bootstrap Bias
Voltage, fSW = 1.4 MHz
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1.0
1.2
VOUT = 1.8V
VOUT = 1.2V
VOUT = 0.8V
INDUCTOR: LPS6225-103MLC
DIODE: B230A
IOUT (A)
Figure 11. Efficiency Curve, VIN = 3.3 V with External 5.0 V Bootstrap Bias
Voltage, fSW = 700 kHz
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.2
0
0.4
0.6
0.8
1.0
1.2
FSW = 1.4MHz
FSW = 700kHz
IOUT (A)
Figure 12. Load Regulation, VOUT = 3.3 V, VIN = 12 V
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
5
8
11
14
17
20
fSW = 1.4MHz
fSW = 700kHz
VIN (V)
Figure 13. Line Regulation, VOUT = 3.3 V, IOUT = 500 mA
400
600
800
1000
1200
1400
1600
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
fSW = 1.4MHz
fSW = 700kHz
Figure 14. Frequency vs. Temperature
400
600
800
1000
1200
1400
1600
fSW = 1.4MHz
fSW = 700kHz
2
5
8
11
14
17
20
VIN (V)
Figure 15. Frequency vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com