Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24 Datasheet(PDF) 9 Page - Analog Devices

Part # SS24
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SS24 Datasheet(HTML) 9 Page - Analog Devices

Back Button SS24 Datasheet HTML 5Page - Analog Devices SS24 Datasheet HTML 6Page - Analog Devices SS24 Datasheet HTML 7Page - Analog Devices SS24 Datasheet HTML 8Page - Analog Devices SS24 Datasheet HTML 9Page - Analog Devices SS24 Datasheet HTML 10Page - Analog Devices SS24 Datasheet HTML 11Page - Analog Devices SS24 Datasheet HTML 12Page - Analog Devices SS24 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 9 of 28
500
540
580
620
660
700
258
11
14
17
20
VIN (V)
TJ = −40°C
TJ = +25°C
TJ = +125°C
Figure 22. Quiescent Current vs. VIN
0
100
200
300
400
500
600
700
800
900
–50
–20
10
40
70
100
130
VGS = 5V
VGS = 4V
VGS = 3V
TEMPERATURE (°C)
Figure 23. MOSFET RDS(ON) vs. Temperature (Pin-to-Pin Measurements)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
–50
–20
10
40
70
100
130
RISING
FALLING
TEMPERATURE (°C)
Figure 24. Enable Threshold vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
–50
–20
10
40
70
100
130
RISING
FALLING
TEMPERATURE (°C)
Figure 25. UVLO Threshold vs. Temperature
CH1 5mV
CH4 500mA Ω
CH2 5V
M400ns
A CH2
7.4V
2
4
1
B
W
B
W
B
W
VOUT
IL
SW
Figure 26. Steady State at Heavy Load, fSW = 1.4 MHz, IOUT = 1 A
CH1 20mV
CH4 200mA Ω
CH2 5V
M10µs
A CH2
8V
2
4
1
B
W
B
W
B
W
VOUT
IL
SW
Figure 27. Steady State at Light Load, fSW = 1.4 MHz, IOUT = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com