Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS70 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDS70
Description  70 Watts, 50 Volts, Pulsed Avionics 1030 - 1090MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS70 Datasheet(HTML) 2 Page - Microsemi Corporation

  MDS70 Datasheet HTML 1Page - Microsemi Corporation MDS70 Datasheet HTML 2Page - Microsemi Corporation MDS70 Datasheet HTML 3Page - Microsemi Corporation MDS70 Datasheet HTML 4Page - Microsemi Corporation MDS70 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
M DS70 (Pout vs Pin)
0
10
20
30
40
50
60
70
80
90
100
110
01
2
3
45
6
7
8
9
10
Pin(W)
1030MHz (N=1)
1030MHz (N=128)
1090MHz (N=1)
1090MHz (N=128)
M DS70 (Effic vs Pin)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
01234
56789
10
Pin(W)
1030MHz
1090MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com